Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX630 Datasheet (PDF) - Maxim Integrated Products

MAX630 Datasheet PDF - Maxim Integrated Products
Part # MAX630
Download  MAX630 Download
File Size   253.66 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description CMOS Micropower Step-Up Switching Regulator

MAX630 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX630 Datasheet PDF - Maxim Integrated Products

Part # MAX630
Download  MAX630 Click to download

File Size   253.66 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description CMOS Micropower Step-Up Switching Regulator

MAX630 Datasheet (HTML) - Maxim Integrated Products


MAX630 Product details

General Description
Maxim’s MAX630 and MAX4193 CMOS DC-DC regulators are designed for simple, efficient, minimum-size DC-DC converter circuits in the 5mW to 5W range.

Features
♦ High Efficiency—85% (typ)
♦ 70µA Typical Operating Current
♦ 1µA Maximum Quiescent Current
♦ 2.0V to 16.5V Operation
♦ 525mA (Peak) Onboard Drive Capability
♦ ±1.5% Output Voltage Accuracy (MAX630)
♦ Low-Battery Detector
♦ Compact 8-Pin Mini-DIP and SO Packages
♦ Pin Compatible with RC4191/2/3

Applications
   +5V to +15V DC-DC Converters
   High-Efficiency Battery-Powered DC-DC
      Converters
   +3V to +5V DC-DC Converters
   9V Battery Life Extension
   Uninterruptible 5V Power Supplies
   5mW to 5W Switch-Mode Power Supplies




Similar Part No. - MAX630

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX630 MAXIM-MAX630 Datasheet
546Kb / 12P
CMOS Micropower Step-UP Switching Regulator
Rev 0; 5/86
MAX6301 MAXIM-MAX6301 Datasheet
102Kb / 12P
5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
MAX6301CPA MAXIM-MAX6301CPA Datasheet
102Kb / 12P
5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
MAX6301CPA MAXIM-MAX6301CPA Datasheet
160Kb / 12P
5V, Low-Power μP Supervisory Circuits with Adjustable Reset/Watchdog
Rev 4; 9/10
MAX6301CSA MAXIM-MAX6301CSA Datasheet
102Kb / 12P
5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
More results


Similar Description - MAX630

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX630 MAXIM-MAX630 Datasheet
546Kb / 12P
CMOS Micropower Step-UP Switching Regulator
Rev 0; 5/86
MAX634 MAXIM-MAX634 Datasheet
498Kb / 12P
CMOS Micropower Inverting Switching Regulator
Rev 0; 5/86
logo
ON Semiconductor
NCP1400A-D ONSEMI-NCP1400A-D Datasheet
138Kb / 16P
100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
June, 2004 ??Rev. 9
logo
Seiko Instruments Inc
S-8435 SII-S-8435 Datasheet
2Mb / 42P
STEP-UP SWITCHING REGULATOR
logo
ON Semiconductor
NCP1402 ONSEMI-NCP1402 Datasheet
158Kb / 18P
200 mA, PFM Step-Up Micropower Switching Regulator
November, 2003 ??Rev. 5
logo
Sharp Corporation
PQ6CU11X1APQ SHARP-PQ6CU11X1APQ Datasheet
136Kb / 4P
CMOS Step-up Chopper Regulator
PQ6CU12X2APQ SHARP-PQ6CU12X2APQ Datasheet
134Kb / 4P
CMOS Step-up Chopper Regulator
logo
Linear Technology
LT3682 LINER-LT3682_15 Datasheet
264Kb / 24P
1A Micropower Step-Down Switching Regulator
logo
ON Semiconductor
NCP1402 ONSEMI-NCP1402_14 Datasheet
178Kb / 18P
PFM Step-Up Micropower Switching Regulator
July, 2014 ??Rev. 10
logo
Maxim Integrated Produc...
MAX630 MAXIM-MAX630_V01 Datasheet
263Kb / 14P
CMOS Micropower Step-Up Switching Regulator
2008
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com