Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4995AF Datasheet (PDF) - Maxim Integrated Products

MAX4995AF Datasheet PDF - Maxim Integrated Products
Part # MAX4995AF
Download  MAX4995AF Download
File Size   278.79 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 50mA to 600mA Programmable Current-Limit Switches

MAX4995AF Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4995AF Datasheet PDF - Maxim Integrated Products

Part # MAX4995AF
Download  MAX4995AF Click to download

File Size   278.79 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 50mA to 600mA Programmable Current-Limit Switches

MAX4995AF Datasheet (HTML) - Maxim Integrated Products


MAX4995AF Product details

General Description

The MAX4995A/MAX4995AF/MAX4995AL/MAX4995B/MAX4995C programmable current-limit switches feature internal current limiting to prevent damage to host devices due to faulty load conditions. These analog switches feature a low 130mΩ (typ) on-resistance and operate from a +1.7V to +5.5V input voltage range. The current limit is adjustable from 50mA to 600mA, making these devices ideal for SDIO (secure digital input/output) and other load-switching applications.



Features

♦ 50mA to 600mA Programmable Current Limit

♦ ±10% Accurate Current Limit

♦ Overload FLAG Threshold

♦ Low Dropout Voltage

♦ Short-Circuit Protection

♦ Thermal Shutdown

♦ Reverse-Current Protection

♦ 170µA (typ) Supply Current

♦ +1.7V to +5.5V Supply Voltage Range

♦ Tiny 10-Pin, 1.4mm x 1.8mm UTQFN Package



Applications

  SDIO Ports

  USB Ports

  Notebook VGA Ports

  GPS

  Cell Phones

  MP3 Players

  UTCA/ATCA Platforms



 




Similar Part No. - MAX4995AF

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4995AF MAXIM-MAX4995AF Datasheet
289Kb / 13P
50mA to 600mA Programmable Current-Limit Switches
Rev 1; 6/09
MAX4995AF MAXIM-MAX4995AF Datasheet
341Kb / 13P
50mA to 600mA Programmable Current-Limit Switches
Rev 2; 2/10
MAX4995AFATA+T MAXIM-MAX4995AFATA+T Datasheet
341Kb / 13P
50mA to 600mA Programmable Current-Limit Switches
Rev 2; 2/10
MAX4995AFATA+T MAXIM-MAX4995AFATA+T Datasheet
1Mb / 14P
50mA to 600mA Programmable Current-Limit Switches
2019
MAX4995AFAUT+T MAXIM-MAX4995AFAUT+T Datasheet
289Kb / 13P
50mA to 600mA Programmable Current-Limit Switches
Rev 1; 6/09
More results


Similar Description - MAX4995AF

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4785 MAXIM-MAX4785 Datasheet
266Kb / 10P
50mA/100mA Current-Limit Switches
Rev 1; 4/03
MAX4995A MAXIM-MAX4995A_09 Datasheet
289Kb / 13P
50mA to 600mA Programmable Current-Limit Switches
Rev 1; 6/09
MAX4995A MAXIM-MAX4995A_10 Datasheet
341Kb / 13P
50mA to 600mA Programmable Current-Limit Switches
Rev 2; 2/10
MAX4826 MAXIM-MAX4826_09 Datasheet
206Kb / 11P
50mA/100mA Current-Limit Switches with NO-LOAD Flag in uDFN
Rev 1; 8/09
logo
Global Mixed-mode Techn...
G551 GMT-G551 Datasheet
559Kb / 1P
Current-Limit Switches
logo
Linear Technology
LT3090 LINER-LT3090_15 Datasheet
692Kb / 36P
600mA Negative Linear Regulator with Programmable Current Limit
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
Current-Limit Switches
logo
Linear Technology
LT3090 LINER-LT3090 Datasheet
330Kb / 6P
??6V, 600mA Negative Linear Regulator with Programmable Current Limit
logo
Maxim Integrated Produc...
MAX4785 MAXIM-MAX4785_V01 Datasheet
659Kb / 10P
50mA/100mA Current-Limit Switches
2005
MAX4995A MAXIM-MAX4995A_V01 Datasheet
1Mb / 14P
50mA to 600mA Programmable Current-Limit Switches
2019
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com