Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS914 Datasheet (PDF) - STMicroelectronics

TS914 Datasheet PDF - STMicroelectronics
Part # TS914
Download  TS914 Download
File Size   102.0 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER

TS914 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS914 Datasheet PDF - STMicroelectronics

Part # TS914
Download  TS914 Click to download

File Size   102.0 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER

TS914 Datasheet (HTML) - STMicroelectronics


TS914 Product details

Description
The TS914 device is a rail-to-rail CMOS quad operational amplifier designed to operate with a
single or dual supply voltage. The input voltage range Vicm includes the two supply rails VCC+and VCC-.The output reaches VCC- +50 mV, VCC+-50 mV,with RL= 10 kΩ, and VCC-+350 mV, VCC+-
350 mV, with RL= 600Ω. This product offers a broad supply voltage operating range from 2.7 to 16 V and a supply current of only 200μA/amp. (VCC= 3 V). The source and sink output current capability is typically 40 mA (at VCC= 3 V), fixed by an internal limitation circuit.

Features
• Rail-to-rail input and output voltage ranges
• Single (or dual) supply operation from 2.7 to 16 V
• Extremely low input bias current: 1 pA typical
• Low input offset voltage: 5 mV max. (A grade)
• Specified for 600Ωand 100Ωloads
• Low supply current: 200μA/ampli. (VCC= 3 V)
• Latch-up immunity
• Spice macromodel included in this specification




Similar Part No. - TS914

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS914AID STMICROELECTRONICS-TS914AID Datasheet
189Kb / 19P
Rail-to-rail CMOS quad operational amplifier
08-Jan-2007
TS914AID STMICROELECTRONICS-TS914AID Datasheet
1Mb / 17P
Rail-to-rail CMOS quad operational amplifier
06-Nov-2012
TS914AIDT STMICROELECTRONICS-TS914AIDT Datasheet
1Mb / 17P
Rail-to-rail CMOS quad operational amplifier
06-Nov-2012
TS914AIN STMICROELECTRONICS-TS914AIN Datasheet
189Kb / 19P
Rail-to-rail CMOS quad operational amplifier
08-Jan-2007
TS914AIYD STMICROELECTRONICS-TS914AIYD Datasheet
189Kb / 19P
Rail-to-rail CMOS quad operational amplifier
08-Jan-2007
More results


Similar Description - TS914

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3V914 STMICROELECTRONICS-TS3V914 Datasheet
119Kb / 12P
3V RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
Oct-1997
logo
Advanced Linear Devices
ALD4704A ALD-ALD4704A Datasheet
62Kb / 6P
QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4706A ALD-ALD4706A Datasheet
66Kb / 6P
QUAD ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914 STMICROELECTRONICS-TS914_07 Datasheet
189Kb / 19P
Rail-to-rail CMOS quad operational amplifier
08-Jan-2007
logo
Richtek Technology Corp...
RT9134 RICHTEK-RT9134 Datasheet
227Kb / 11P
Rail-to-Rail Quad Operational Amplifier
logo
Advanced Linear Devices
ALD4701 ALD-ALD4701_10 Datasheet
86Kb / 9P
QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4704 ALD-ALD4704_10 Datasheet
85Kb / 9P
QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
Rail-to-Rail Output Quad CMOS Operational Amplifier
logo
STMicroelectronics
TS914IDT STMICROELECTRONICS-TS914IDT Datasheet
1Mb / 17P
Rail-to-rail CMOS quad operational amplifier
06-Nov-2012
logo
Advanced Linear Devices
ALD4704A ALD-ALD4704A_V01 Datasheet
89Kb / 9P
QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com