Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX14525 Datasheet (PDF) - Maxim Integrated Products

MAX14525 Datasheet PDF - Maxim Integrated Products
Part # MAX14525
Download  MAX14525 Download
File Size   129.31 Kbytes
Page   7 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Battery Switch with Four Enable Inputs

MAX14525 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX14525 Datasheet PDF - Maxim Integrated Products

Part # MAX14525
Download  MAX14525 Click to download

File Size   129.31 Kbytes
Page   7 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Battery Switch with Four Enable Inputs

MAX14525 Datasheet (HTML) - Maxim Integrated Products


MAX14525 Product details

General Description
The MAX14525 features a low RON 35mΩ (typ) load switch with four unique enable inputs. The MAX14525 is ideal for disconnecting the lithium-ion (Li+) battery from the loads in portable devices such as cell phones. The MAX14525 operates from a +2.2V to +5.5V supply voltage.
The MAX14525 features an extremely low 0.8µA (typ) quiescent supply current to maximize battery life in portable devices. It is enabled from four possible inputs: external charger connection capable of high voltage up to +28V, travel adapter (TA), on key (ON_K), factory mode enable (JIG), and switch enable (S_EN). The S_EN input is internally ANDed with the switched battery connection (IN).
The MAX14525 is available in a small 8-pin, 2mm x 2mm TDFN package and operates over the -40°C to +85°C extended temperature range.

Features
♦ Low 35mΩ (typ) RON Load Switch
♦ Ultra Low, 0.8µA (typ) Supply Current
♦ Four Enable Inputs:
   TA: +28V (max) Capable
   ON_K: Accurate +3V Trigger Enable
   JIG: Factory Mode Enable
   S_EN: Logically ANDed with IN
♦ Space-Saving 8-Pin, 2mm x 2mm TDFN Package
♦ Controlled Turn-On to Limit dI/dt Pulses Due to
   Lead Inductance

Applications
   Cell Phones
   PDAs
   GPS
   UMPC Computers
   Digital Cameras




Similar Part No. - MAX14525

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1452 MAXIM-MAX1452 Datasheet
283Kb / 24P
Low-Cost Precision Sensor Signal Conditioner
Rev 1; 6/01
MAX1452 MAXIM-MAX1452 Datasheet
182Kb / 25P
Low-Cost Precision Sensor Signal Conditioner
Rev 2; 4/09
MAX1452 MAXIM-MAX1452 Datasheet
1Mb / 25P
Low-Cost Precision Sensor Signal Conditioner
19-1829; Rev 5; 4/15
MAX14521E MAXIM-MAX14521E Datasheet
403Kb / 20P
Quad, High-Voltage EL Lamp Driver with I2C Interface
Rev 0; 2/09
MAX14521EETG+ MAXIM-MAX14521EETG+ Datasheet
403Kb / 20P
Quad, High-Voltage EL Lamp Driver with I2C Interface
Rev 0; 2/09
More results


Similar Description - MAX14525

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3245 PHILIPS-CBT3245 Datasheet
81Kb / 10P
Octal bus switch with output enable
1998 Dec 08
logo
Maxim Integrated Produc...
MAX5166 MAXIM-MAX5166 Datasheet
185Kb / 12P
32-Channel Sample/Hold Amplifier with Four Multiplexed Inputs
Rev 0; 8/99
logo
STMicroelectronics
B5S162862 STMICROELECTRONICS-B5S162862 Datasheet
208Kb / 9P
20-BIT TWO PORT BUS SWITCH WITH FOUR ENABLE CONTROL AND 25W SERIES RESISTOR IN OUTPUT
Feb-2003
logo
Fairchild Semiconductor
RC6303 FAIRCHILD-RC6303 Datasheet
50Kb / 8P
Triple Video Amplifier with Separate Enable Inputs
logo
STMicroelectronics
B5S16862 STMICROELECTRONICS-B5S16862 Datasheet
207Kb / 9P
20-BIT TWO PORT BUS SWITCH WITH FOUR ENABLE CONTROL
Feb-2003
logo
NXP Semiconductors
NX3DV221 NXP-NX3DV221 Datasheet
1Mb / 18P
High-speed USB 2.0 switch with enable
Rev. 2-9 November 2011
74CBTLV3861 NXP-74CBTLV3861 Datasheet
165Kb / 18P
10-bit bus switch with output enable
Rev. 3-16 December 2011
logo
BCD Semiconductor Manuf...
AP2821 BCDSEMI-AP2821 Datasheet
717Kb / 17P
High-side Power Distribution Switch with Enable
logo
STMicroelectronics
ST2041 STMICROELECTRONICS-ST2041 Datasheet
269Kb / 13P
CMOS- and TTL-compatible enable inputs
24-Nov-2010
logo
Maxim Integrated Produc...
MAX15022EVKIT MAXIM-MAX15022EVKIT Datasheet
251Kb / 10P
Independent Enable Inputs for All Outputs
Rev 0; 5/08
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com