Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX14527 Datasheet (PDF) - Maxim Integrated Products

MAX14527 Datasheet PDF - Maxim Integrated Products
Part # MAX14527
Download  MAX14527 Download
File Size   106.66 Kbytes
Page   7 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Adjustable Overvoltage Protector with High Accuracy

MAX14527 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX14527 Datasheet PDF - Maxim Integrated Products

Part # MAX14527
Download  MAX14527 Click to download

File Size   106.66 Kbytes
Page   7 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Adjustable Overvoltage Protector with High Accuracy

MAX14527 Datasheet (HTML) - Maxim Integrated Products


MAX14527 Product details

General Description
The MAX14527/MAX14528 overvoltage protection devices feature a low 100mΩ (typ) RON internal FET and protect low-voltage systems against voltage faults up to +28V. When the input voltage exceeds the overvoltage threshold, the internal FET is turned off to prevent damage to the protected components.
The overvoltage protection threshold can be adjusted with optional external resistors to any voltage between 4V and 8V. With the OVLO input set below the external OVLO select voltage, the MAX14527/MAX14528 automatically choose the internal ±2.5% accurate trip thresholds. The internal overvoltage thresholds (OVLO) are preset to 5.75V typical (MAX14527) or 6.76V typical (MAX14528). The MAX14527/MAX14528 are also protected against overcurrent events with an internal thermal shutdown.
The MAX14527/MAX14528 are offered in a small, 8-pin TDFN-EP package and operate over the -40°C to +85°C extended temperature range.

Features
♦ Input Voltage Protection Up to +28V
♦ Preset Internal ±2.5% Accurate OVLO Thresholds
   5.75V (MAX14527)
   6.76V (MAX14528)
♦ Adjustable Overvoltage Protection Trip Level
♦ Integrated 100mΩ (typ) n-Channel MOSFET Switch
♦ Soft-Start to Minimize In-Rush Current
♦ Automatic Overvoltage Protection Trip-Level Selection
♦ Internal 15ms Startup Delay
♦ Thermal Shutdown Protection
♦ 8-Pin TDFN (2mm x 2mm) Package
♦ -40°C to +85°C Operating Temperature Range

Applications
   Cell Phones
   Media Players
   PDAs and Palmtop Devices




Similar Part No. - MAX14527

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14527 MAXIM-MAX14527 Datasheet
127Kb / 7P
Adjustable Overvoltage Protector with High Accuracy
2008
MAX14527ETA+T MAXIM-MAX14527ETA+T Datasheet
127Kb / 7P
Adjustable Overvoltage Protector with High Accuracy
2008
MAX14527 MAXIM-MAX14527_V01 Datasheet
127Kb / 7P
Adjustable Overvoltage Protector with High Accuracy
2008
More results


Similar Description - MAX14527

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8598 BELLING-BL8598 Datasheet
552Kb / 6P
Adjustable Overvoltage Protector with High Accuracy
logo
Maxim Integrated Produc...
MAX14571 MAXIM-MAX14571 Datasheet
1Mb / 14P
Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 0; 9/12
MAX14571 MAXIM-MAX14571_13 Datasheet
1Mb / 14P
Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 1; 12/12
MAX14588 MAXIM-MAX14588 Datasheet
2Mb / 15P
1A Adjustable Overcurrent and Overvoltage Protector with High Accuracy
Rev 0; 12/12
MAX14653 MAXIM-MAX14653 Datasheet
2Mb / 11P
High-Current Overvoltage Protector with Adjustable OVLO
Rev 0; 1/13
MAX14670 MAXIM-MAX14670 Datasheet
1Mb / 13P
Bidirectional Current-Blocking, High-Input Overvoltage Protector with Adjustable OVLO
Rev 0; 6/13
MAX17561 MAXIM-MAX17561 Datasheet
723Kb / 16P
Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
19-100078; Rev 2; 9/17
MAX14571 MAXIM-MAX14571_V01 Datasheet
873Kb / 14P
Adjustable Overvoltage and Protectors with High Accuracy
2017
MAX14670 MAXIM-MAX14670_V01 Datasheet
1Mb / 13P
Bidirectional Current-Blocking, High-Input Overvoltage Protector with Adjustable OVLO
2016
MAX14527 MAXIM-MAX14527_V01 Datasheet
127Kb / 7P
Adjustable Overvoltage Protector with High Accuracy
2008
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com