Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PD601ARL Datasheet (PDF) - NXP Semiconductors

2PD601ARL Datasheet PDF - NXP Semiconductors
Part # 2PD601ARL
Download  2PD601ARL Download
File Size   56.05 Kbytes
Page   9 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 50 V, 100 mA NPN general-purpose transistors

2PD601ARL Datasheet (PDF)

Go To PDF Page Download Datasheet
2PD601ARL Datasheet PDF - NXP Semiconductors

Part # 2PD601ARL
Download  2PD601ARL Click to download

File Size   56.05 Kbytes
Page   9 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 50 V, 100 mA NPN general-purpose transistors

2PD601ARL Datasheet (HTML) - NXP Semiconductors


2PD601ARL Product details

General description
NPN general-purpose transistors in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package.

Features
■ General-purpose transistors
■ Two current gain selections
■ AEC-Q101 qualified
■ Small SMD plastic package

Applications
■ General-purpose switching and amplification




Similar Part No. - 2PD601ARL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
2PD601ARL NEXPERIA-2PD601ARL Datasheet
614Kb / 9P
50 V, 100 mA NPN general-purpose transistors
Rev. 01 - 6 November 2008
2PD601ARL/DG NEXPERIA-2PD601ARL/DG Datasheet
614Kb / 9P
50 V, 100 mA NPN general-purpose transistors
Rev. 01 - 6 November 2008
More results


Similar Description - 2PD601ARL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PD602ASL NXP-2PD602ASL Datasheet
57Kb / 9P
50 V, 500 mA NPN general-purpose transistors
Rev. 01-27 October 2008
2PD601A NXP-2PD601A Datasheet
131Kb / 8P
NPN general purpose transistors; 50 V, 100 mA
2002 Jun 26
2PD601BSL NXP-2PD601BSL Datasheet
317Kb / 13P
50 V, 200 mA NPN general-purpose transistors
Rev. 1-28 June 2010
logo
Nexperia B.V. All right...
2PC4617XMB NEXPERIA-2PC4617XMB Datasheet
1Mb / 10P
50 V, 100 mA NPN general-purpose transistors
NXP3875Y NEXPERIA-NXP3875Y Datasheet
1Mb / 15P
50 V, 150 mA NPN general-purpose transistors
2PC4617XMB_SER NEXPERIA-2PC4617XMB_SER Datasheet
1Mb / 10P
50 V, 100 mA NPN general-purpose transistors
Rev. 1 - 26 March 2012
2PD601AXL NEXPERIA-2PD601AXL Datasheet
614Kb / 9P
50 V, 100 mA NPN general-purpose transistors
Rev. 01 - 6 November 2008
2PD601BRL NEXPERIA-2PD601BRL Datasheet
993Kb / 13P
50 V, 200 mA NPN general-purpose transistors
Rev. 1 - 28 June 2010
2PD602AXL NEXPERIA-2PD602AXL Datasheet
614Kb / 9P
50 V, 500 mA NPN general-purpose transistors
Rev. 01 - 27 October 2008
2PD602ASL-Q NEXPERIA-2PD602ASL-Q Datasheet
182Kb / 8P
50 V, 500 mA NPN general-purpose transistors
12 January 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com