Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH93 Datasheet (PDF) - STMicroelectronics

TSH93 Datasheet PDF - STMicroelectronics
Part # TSH93
Download  TSH93 Download
File Size   351.04 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH SPEED LOW POWER TRIPLE OPERATIONAL AMPLIFIER

TSH93 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSH93 Datasheet PDF - STMicroelectronics

Part # TSH93
Download  TSH93 Click to download

File Size   351.04 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH SPEED LOW POWER TRIPLE OPERATIONAL AMPLIFIER

TSH93 Datasheet (HTML) - STMicroelectronics


TSH93 Product details

Description
The TSH93 is a triple low-power high-frequency op-amp, designed for high quality video signal processing. The device offers an excellent speed consumption ratio with 4.5mA per amplifier for 150MHz bandwidth.
High slew rate and low noise make it also suitable for high quality audio applications.
   
Features
■ Low supply current: 4.5mA
■ High-speed: 150MHz - 110V/µs
■ Unity gain stability
■ Low offset voltage: 4mV
■ Low noise: 4.2nV/√Hz
■ Low cost
■ Specified for 600Ω and 150Ω loads
■ High video performance:
    Differential gain: 0.03%
    Differential phase: 0.07°
    Gain flatness: 6MHz, 0.1dB max. 0 10dB gain
■ High audio performance
■ ESD tolerance: 2kV
   




Similar Part No. - TSH93

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH93 STMICROELECTRONICS-TSH93 Datasheet
166Kb / 2P
High-speed operational amplifier evaluation board kit
May-2005
TSH93 STMICROELECTRONICS-TSH93 Datasheet
273Kb / 13P
High-speed low power triple operational amplifier
24-Oct-2007
TSH93ID STMICROELECTRONICS-TSH93ID Datasheet
273Kb / 13P
High-speed low power triple operational amplifier
24-Oct-2007
TSH93IDT STMICROELECTRONICS-TSH93IDT Datasheet
273Kb / 13P
High-speed low power triple operational amplifier
24-Oct-2007
TSH93IYD STMICROELECTRONICS-TSH93IYD Datasheet
273Kb / 13P
High-speed low power triple operational amplifier
24-Oct-2007
More results


Similar Description - TSH93

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD826 AD-AD826 Datasheet
231Kb / 14P
High-Speed, Low-Power Dual Operational Amplifier
REV.B
logo
Linear Technology
LT1195 LINER-LT1195 Datasheet
396Kb / 12P
Low Power, High Speed Operational Amplifier
logo
Burr-Brown (TI)
OPA3832 BURR-BROWN-OPA3832_07 Datasheet
609Kb / 32P
Triple, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Linear Technology
LT1195 LINER-LT1195_02 Datasheet
334Kb / 12P
Low Power, High Speed Operational Amplifier
logo
STMicroelectronics
TSH93 STMICROELECTRONICS-TSH93_07 Datasheet
273Kb / 13P
High-speed low power triple operational amplifier
24-Oct-2007
logo
Analog Devices
AD826ANZ AD-AD826ANZ Datasheet
725Kb / 12P
High-Speed, Low-Power Dual Operational Amplifier
8/02-Data Sheet changed from REV. B to REV. C.
AD826ARZ AD-AD826ARZ Datasheet
725Kb / 15P
High-Speed, Low-Power Dual Operational Amplifier
REV. C
AD826ARZ-REEL7 AD-AD826ARZ-REEL7 Datasheet
731Kb / 15P
High-Speed, Low-Power Dual Operational Amplifier
REV. C
logo
Linear Technology
LT1195 LINER-LT1195_15 Datasheet
344Kb / 12P
Low Power, High Speed Operational Amplifier
logo
Analog Devices
AD847 AD-AD847_17 Datasheet
602Kb / 6P
High Speed Low Power Operational Amplifier
29-Nov-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com