Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HEF4044B Datasheet (PDF) - NXP Semiconductors

HEF4044B Datasheet PDF - NXP Semiconductors
Part # HEF4044B
Download  HEF4044B Download
File Size   81.85 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Quad R/S latch with 3-state outputs

HEF4044B Datasheet (PDF)

Go To PDF Page Download Datasheet
HEF4044B Datasheet PDF - NXP Semiconductors

Part # HEF4044B
Download  HEF4044B Click to download

File Size   81.85 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Quad R/S latch with 3-state outputs

HEF4044B Datasheet (HTML) - NXP Semiconductors


HEF4044B Product details

description

The HEF4044B is a quad R/S latch with 3-state outputs, with a common output enable input (OE).



Features

Fully static operation

5 V, 10 V, and 15 V parametric ratings

Standardized symmetrical output characteristics

Operates across the full industrial temperature range−40°C to +85°C

Complies with JEDEC standard JESD 13-B

ESD protection:

   HBM JESD22-A114E exceeds 2000 V

   MM JESD22-A115-A exceeds 200 V




Similar Part No. - HEF4044B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4044B PHILIPS-HEF4044B Datasheet
47Kb / 5P
Quadruple R/S latch with 3-state outputs
January 1995
HEF4044BD PHILIPS-HEF4044BD Datasheet
47Kb / 5P
Quadruple R/S latch with 3-state outputs
January 1995
HEF4044BF PHILIPS-HEF4044BF Datasheet
47Kb / 5P
Quadruple R/S latch with 3-state outputs
January 1995
HEF4044BN PHILIPS-HEF4044BN Datasheet
47Kb / 5P
Quadruple R/S latch with 3-state outputs
January 1995
HEF4044BP PHILIPS-HEF4044BP Datasheet
47Kb / 5P
Quadruple R/S latch with 3-state outputs
January 1995
More results


Similar Description - HEF4044B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4043B PHILIPS-HEF4043B Datasheet
46Kb / 5P
Quadruple R/S latch with 3-state outputs
January 1995
HEF4044B PHILIPS-HEF4044B Datasheet
47Kb / 5P
Quadruple R/S latch with 3-state outputs
January 1995
logo
Toshiba Semiconductor
TC4044BP TOSHIBA-TC4044BP Datasheet
238Kb / 6P
QUAD 3-STATE R/S LATCH(Quad NAND R/S Latch)
11-Dec-1997
logo
System Logic Semiconduc...
SL4043B SLS-SL4043B Datasheet
44Kb / 6P
Quad 3-State R/S Latch
logo
Fairchild Semiconductor
CD4043BC FAIRCHILD-CD4043BC Datasheet
68Kb / 6P
Quad 3-STATE NOR R/S Latches . Quad 3-STATE NAND R/S Latches
logo
Toshiba Semiconductor
TC4044BP TOSHIBA-TC4044BP_07 Datasheet
290Kb / 9P
Quad 3-State R/S Latch
logo
NXP Semiconductors
HEF4043B NXP-HEF4043B Datasheet
81Kb / 13P
Quad R/S latch with 3-state outputs
Rev. 06-11 November 2008
HEF4043B PHILIPS-HEF4043B_15 Datasheet
158Kb / 14P
Quad R/S latch with 3-state outputs
Rev. 10-18 November 2011
logo
Nexperia B.V. All right...
HEF4043B-Q100 NEXPERIA-HEF4043B-Q100 Datasheet
685Kb / 14P
Quad R/S latch with 3-state outputs
HEF4043B NEXPERIA-HEF4043B Datasheet
215Kb / 11P
Quad R/S latch with 3-state outputs
Rev. 13 - 8 December 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com