Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HEF4050B Datasheet (PDF) - NXP Semiconductors

HEF4050B Datasheet PDF - NXP Semiconductors
Part # HEF4050B
Download  HEF4050B Download
File Size   72.74 Kbytes
Page   11 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Hex non-inverting buffers

HEF4050B Datasheet (PDF)

Go To PDF Page Download Datasheet
HEF4050B Datasheet PDF - NXP Semiconductors

Part # HEF4050B
Download  HEF4050B Click to download

File Size   72.74 Kbytes
Page   11 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Hex non-inverting buffers

HEF4050B Datasheet (HTML) - NXP Semiconductors


HEF4050B Product details

General description
The HEF4050B provides six non-inverting buffers with high current output capability suitable for driving TTL or high capacitive loads. Since input voltages in excess of the buffers’ supply voltage are permitted, the buffers may also be used to convert logic levels of up to 15 V to standard TTL levels. Their guaranteed fan-out into common bipolar logic elements is shown in Table 3.
It operates over a recommended VDD power supply range of 3 V to 15 V referenced to VSS (usually ground). Unused inputs must be connected to VDD, VSS, or another input. It is also suitable for use over the industrial (−40 °C to +85 °C) temperature range.

Features
■ Accepts input voltages in excess of the supply voltage
■ Fully static operation
■ 5 V, 10 V, and 15 V parametric ratings
■ Standardized symmetrical output characteristics
■ Operates across the full industrial temperature range −40 °C to +85 °C
■ Complies with JEDEC standard JESD 13-B
■ ESD protection:
    ◆ HBM JESD22-A114E exceeds 2000 V
    ◆ MM JESD22-A115-A exceeds 200 V

Applications
■ LOCMOS (Local Oxidation CMOS) to DTL/TTL converter
■ HIGH sink current for driving two TTL loads
■ HIGH-to-LOW level logic conversion




Similar Part No. - HEF4050B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4050B PHILIPS-HEF4050B Datasheet
31Kb / 4P
HEX non-inverting buffers
January 1995
logo
Nexperia B.V. All right...
HEF4050B NEXPERIA-HEF4050B Datasheet
724Kb / 12P
Hex non-inverting buffers
Rev. 10 - 23 June 2016
HEF4050B-Q100 NEXPERIA-HEF4050B-Q100 Datasheet
760Kb / 11P
Hex non-inverting buffers
HEF4050B-Q100 NEXPERIA-HEF4050B-Q100 Datasheet
197Kb / 10P
Hex non-inverting buffers
Rev. 3 3 September 2024
HEF4050B-Q100 NEXPERIA-HEF4050B-Q100_V01 Datasheet
197Kb / 10P
Hex non-inverting buffers
Rev. 3 3 September 2024
More results


Similar Description - HEF4050B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4050B PHILIPS-HEF4050B Datasheet
31Kb / 4P
HEX non-inverting buffers
January 1995
logo
Fairchild Semiconductor
CD4010C FAIRCHILD-CD4010C Datasheet
53Kb / 5P
Hex Buffers (Non-Inverting)
logo
List of Unclassifed Man...
54HC4050 ETC-54HC4050 Datasheet
121Kb / 8P
CMOS Logic Hex Non-Inverting Buffers
logo
NXP Semiconductors
HEF4049BP.652 NXP-HEF4049BP.652 Datasheet
141Kb / 12P
Hex inverting buffers
Rev. 9-18 November 2011
HEF4049B PHILIPS-HEF4049B_15 Datasheet
141Kb / 12P
Hex inverting buffers
Rev. 9-18 November 2011
HEF4050B PHILIPS-HEF4050B_15 Datasheet
140Kb / 12P
Hex non-inverting buffers
Rev. 8-18 November 2011
logo
Nexperia B.V. All right...
HEF4049B-Q100 NEXPERIA-HEF4049B-Q100 Datasheet
725Kb / 11P
Hex inverting buffers
HEF4050B-Q100 NEXPERIA-HEF4050B-Q100 Datasheet
760Kb / 11P
Hex non-inverting buffers
HEF4049B NEXPERIA-HEF4049B Datasheet
724Kb / 12P
Hex inverting buffers
Rev. 11 - 23 June 2016
HEF4050B NEXPERIA-HEF4050B Datasheet
724Kb / 12P
Hex non-inverting buffers
Rev. 10 - 23 June 2016
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com