Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2388 Datasheet (PDF) - NXP Semiconductors

LPC2388 Datasheet PDF - NXP Semiconductors
Part # LPC2388
Download  LPC2388 Download
File Size   275.76 Kbytes
Page   61 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Single-chip 16-bit/32-bit micro; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC

LPC2388 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPC2388 Datasheet PDF - NXP Semiconductors

Part # LPC2388
Download  LPC2388 Click to download

File Size   275.76 Kbytes
Page   61 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Single-chip 16-bit/32-bit micro; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC

LPC2388 Datasheet (HTML) - NXP Semiconductors


LPC2388 Product details

General description
The LPC2388 microcontroller is based on a 16-bit/32-bit ARM7TDMI-S CPU with real-time emulation that combines the microcontroller with 512 kB of embedded high-speed flash memory. A 128-bit wide memory interface and a unique accelerator architecture enable 32-bit code execution at the maximum clock rate. For critical performance in interrupt service routines and DSP algorithms, this increases performance up to 30 % over Thumb mode. For critical code size applications, the alternative 16-bit Thumb mode reduces code by more than 30 % with minimal performance penalty.

Features and benefits
■ ARM7TDMI-S processor, running at up to 72 MHz.
■ Up to 512 kB on-chip flash program memory with In-System Programming (ISP) and In-Application Programming (IAP) capabilities. Flash program memory is on the ARM local bus for high performance CPU access.
■ 64 kB of SRAM on the ARM local bus for high performance CPU access.
■ 16 kB SRAM for Ethernet interface. Can also be used as general purpose SRAM.
■ 16 kB SRAM for general purpose DMA use also accessible by the USB.
■ Dual Advanced High-performance Bus (AHB) system that provides for simultaneous Ethernet DMA, USB DMA, and program execution from on-chip flash with no contention between those functions. A bus bridge allows the Ethernet DMA to access the other AHB subsystem.
■ EMC provides support for static devices such as flash and SRAM as well as off-chip memory mapped peripherals.
■ Advanced Vectored Interrupt Controller (VIC), supporting up to 32 vectored interrupts.
■ General Purpose DMA controller (GPDMA) on AHB that can be used with the SSP serial interfaces, the I2S-bus port, and the Secure Digital/MultiMediaCard (SD/MMC) card port, as well as for memory-to-memory transfers.
■ Serial Interfaces:
    ◆ Ethernet MAC with associated DMA controller. These functions reside on an independent AHB.
    ◆ USB 2.0 device/host/OTG with on-chip PHY and associated DMA controller.
    ◆ Four UARTs with fractional baud rate generation, one with modem control I/O, one with IrDA support, all with FIFO.
    ◆ CAN controller with two channels.
    ◆ SPI controller.
    ◆ Two SSP controllers, with FIFO and multi-protocol capabilities. One is an alternate for the SPI port, sharing its interrupt and pins. These can be used with the GPDMA controller.
    ◆ Three I2C-bus interfaces (one with open-drain and two with standard port pins).
    ◆ I2S (Inter-IC Sound) interface for digital audio input or output. It can be used with the GPDMA.
(Continue ...)

Applications
■ Industrial control
■ Medical systems
■ Protocol converter
■ Communications




Similar Part No. - LPC2388

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2388 PHILIPS-LPC2388 Datasheet
1Mb / 57P
Single-chip 16-bit/32-bit microcontroller; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev.00.02-28 January 2008
LPC2388 NXP-LPC2388 Datasheet
4Mb / 12P
NXP Microcontrollers Selection Guide
November 2012
LPC2388 NXP-LPC2388 Datasheet
378Kb / 74P
Single-chip 16-bit/32-bit micro; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 3 ??15 October 2013
LPC2388FBD144 PHILIPS-LPC2388FBD144 Datasheet
1Mb / 57P
Single-chip 16-bit/32-bit microcontroller; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev.00.02-28 January 2008
LPC2388FBD144 NXP-LPC2388FBD144 Datasheet
378Kb / 74P
Single-chip 16-bit/32-bit micro; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 3 ??15 October 2013
More results


Similar Description - LPC2388

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2468 NXP-LPC2468 Datasheet
1Mb / 67P
Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev.01.01 26September2007
LPC2388 PHILIPS-LPC2388 Datasheet
1Mb / 57P
Single-chip 16-bit/32-bit microcontroller; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev.00.02-28 January 2008
LPC2387_0810 NXP-LPC2387_0810 Datasheet
241Kb / 52P
Single-chip 16-bit/32-bit MCU; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 03-29 October 2008
LPC2468 NXP-LPC2468_08 Datasheet
1Mb / 72P
Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 04-17 October 2008
LPC2387 NXP-LPC2387_11 Datasheet
464Kb / 64P
Single-chip 16-bit/32-bit MCU; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 4-10 February 2011
LPC2458 NXP-LPC2458_11 Datasheet
652Kb / 80P
Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 4-1 September 2011
LPC2468 NXP-LPC2468_11 Datasheet
729Kb / 85P
Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 6.1-6 September 2011
LPC2387 NXP-LPC2387_V01 Datasheet
439Kb / 66P
Single-chip 16-bit/32-bit MCU; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 5.1??6 October 2013
LPC2388 NXP-LPC2388_V01 Datasheet
378Kb / 74P
Single-chip 16-bit/32-bit micro; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 3 ??15 October 2013
LPC2458 NXP-LPC2458_V01 Datasheet
2Mb / 81P
Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 4.2-15 October 2020
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com