Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9550D Datasheet (PDF) - NXP Semiconductors

PCA9550D Datasheet PDF - NXP Semiconductors
Part # PCA9550D
Download  PCA9550D Download
File Size   149.68 Kbytes
Page   26 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 2-bit I2C-bus LED driver with programmable blink rates

PCA9550D Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9550D Datasheet PDF - NXP Semiconductors

Part # PCA9550D
Download  PCA9550D Click to download

File Size   149.68 Kbytes
Page   26 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 2-bit I2C-bus LED driver with programmable blink rates

PCA9550D Datasheet (HTML) - NXP Semiconductors


PCA9550D Product details

General description
The PCA9550 LED blinker blinks LEDs in I2C-bus and SMBus applications where it is necessary to limit bus traffic or free up the I2C masters (MCU, MPU, DSP, chip set, etc.) timer. The uniqueness of this device is the internal oscillator with two programmable blink rates. To blink LEDs using normal I/O expanders like the PCF8574 or PCA9554, the bus master must send repeated commands to turn the LED on and off. This greatly increases the amount of traffic on the I2C-bus and uses up one of the masters timers.

Features
■ 2 LED drivers (on, off, flashing at a programmable rate)
■ 2 selectable, fully programmable blink rates (frequency and duty cycle) between 0.172 Hz and 44 Hz (5.82 seconds and 0.023 second)
■ Input/output not used as LED drivers can be used as regular GPIOs
■ Internal oscillator requires no external components
■ I2C-bus interface logic compatible with SMBus
■ Internal power-on reset
■ Noise filter on SCL/SDA inputs
■ Active LOW reset input
■ 2 open-drain outputs directly drive LEDs to 25 mA
■ Controlled edge rates to minimize ground bounce
■ No glitch on power-up
■ Supports hot insertion
■ Low standby current
■ Operating power supply voltage range of 2.3 V to 5.5 V
■ 0 kHz to 400 kHz clock frequency
■ ESD protection exceeds 2000 V HBM per JESD22-A114, 150 V MM per JESD22-A115 and 1000 V CDM per JESD22-C101
■ Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
■ Packages offered: SO8, TSSOP8 (MSOP8), HVSON8




Similar Part No. - PCA9550D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9550D PHILIPS-PCA9550D Datasheet
130Kb / 17P
2-bit I2C LED driver with programmable blink rates
2003 May 02
PCA9550DP PHILIPS-PCA9550DP Datasheet
130Kb / 17P
2-bit I2C LED driver with programmable blink rates
2003 May 02
More results


Similar Description - PCA9550D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9550D PHILIPS-PCA9550D Datasheet
130Kb / 17P
2-bit I2C LED driver with programmable blink rates
2003 May 02
PCA9551 PHILIPS-PCA9551 Datasheet
161Kb / 21P
8-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9553 PHILIPS-PCA9553 Datasheet
130Kb / 18P
4-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9552 PHILIPS-PCA9552 Datasheet
166Kb / 21P
16-bit I2C LED driver with programmable blink rates
2004 Oct 01
logo
ON Semiconductor
CAT9552WI ONSEMI-CAT9552WI Datasheet
192Kb / 17P
16-Channel I2C-bus LED Driver with Programmable Blink Rate
Doc. No. MD-9005 Rev B
logo
NXP Semiconductors
PCA9551 NXP-PCA9551 Datasheet
164Kb / 26P
8-bit I2C-bus LED driver with programmable blink rates
Rev. 08-31 July 2008
PCA9553 NXP-PCA9553 Datasheet
155Kb / 26P
4-bit I2C-bus LED driver with programmable blink rates
Rev. 06-29 December 2008
PCA9552 PHILIPS-PCA9552_06 Datasheet
167Kb / 28P
16-bit I2C-bus LED driver with programmable blink rates
Rev. 05-9 March 2006
PCA9551D-T NXP-PCA9551D-T Datasheet
164Kb / 26P
8-bit I2C-bus LED driver with programmable blink rates
Rev. 08-31 July 2008
PCA9552 NXP-PCA9552_V01 Datasheet
442Kb / 28P
16-bit I2C-bus LED driver with programmable blink rates
Rev. 5.1 - 25 May 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com