Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2024 Datasheet (PDF) - NXP Semiconductors

UBA2024 Datasheet PDF - NXP Semiconductors
Part # UBA2024
Download  UBA2024 Download
File Size   69.83 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Half-bridge power IC for CFL lamps

UBA2024 Datasheet (PDF)

Go To PDF Page Download Datasheet
UBA2024 Datasheet PDF - NXP Semiconductors

Part # UBA2024
Download  UBA2024 Click to download

File Size   69.83 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Half-bridge power IC for CFL lamps

UBA2024 Datasheet (HTML) - NXP Semiconductors


UBA2024 Product details

General description

The UBA2024 is a high-voltage monolithic Integrated Circuit (IC). The IC is designed for driving Compact Fluorescent Lamps (CFL) in a half-bridge configuration.

The IC features a soft start function, an adjustable internal oscillator and an internal drive function with a high-voltage level shifter for driving the half-bridge.

To guarantee an accurate 50 % duty cycle, the oscillator signal is passed through a divider before being fed to the output drivers.

Features
■ Integrated half-bridge power transistors
    ◆ UBA2024P: 9 Ω
    ◆ UBA2024AP: 6 Ω
    ◆ UBA2024T: 9 Ω
    ◆ UBA2024AT: 6.4 Ω
■ Integrated bootstrap diode
■ Integrated low-voltage supply
■ Adjustable oscillator frequency
■ 550 V maximum voltage
■ Minimum glow time control
■ Soft start
   
Applications
■ Driver for any kind of half-bridge configured load up to 23 W, provided that the
    maximum junction temperature is not exceeded.
■ Designed for electronically self-ballasted CFL lamps
   




Similar Part No. - UBA2024

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2024 PHILIPS-UBA2024 Datasheet
78Kb / 11P
Half-bridge power IC for CFL lamps
2004 Feb 03
UBA2024 NXP-UBA2024 Datasheet
90Kb / 14P
Half-bridge power IC for CFL lamps
Rev. 04-17 September 2009
UBA2024 PHILIPS-UBA2024 Datasheet
448Kb / 17P
Half-bridge power IC for CFL lamps
Rev. 6.2-1 November 2010
UBA2024AP NXP-UBA2024AP Datasheet
90Kb / 14P
Half-bridge power IC for CFL lamps
Rev. 04-17 September 2009
UBA2024AP PHILIPS-UBA2024AP Datasheet
448Kb / 17P
Half-bridge power IC for CFL lamps
Rev. 6.2-1 November 2010
More results


Similar Description - UBA2024

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2021 PHILIPS-UBA2021 Datasheet
102Kb / 20P
630 V driver IC for CFL and TL lamps
2001 Jan 30
UBA2024 PHILIPS-UBA2024 Datasheet
78Kb / 11P
Half-bridge power IC for CFL lamps
2004 Feb 03
UBA2025 NXP-UBA2025 Datasheet
352Kb / 17P
CFL power IC
Rev. 01-16 October 2009
UBA2021 NXP-UBA2021 Datasheet
107Kb / 16P
630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
UBA2024 NXP-UBA2024_09 Datasheet
90Kb / 14P
Half-bridge power IC for CFL lamps
Rev. 04-17 September 2009
UBA2211 NXP-UBA2211 Datasheet
175Kb / 19P
Half-bridge power IC family for CFL lamps
Rev. 2-3 January 2011
UBA2021 PHILIPS-UBA2021_08 Datasheet
107Kb / 16P
630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
UBA2024 PHILIPS-UBA2024_10 Datasheet
448Kb / 17P
Half-bridge power IC for CFL lamps
Rev. 6.2-1 November 2010
UBA2211_1108 PHILIPS-UBA2211_1108 Datasheet
191Kb / 20P
Half-bridge power IC family for CFL lamps
Rev. 3-26 August 2011
logo
Shenzhen Winsemi Microe...
WS21351 WINSEMI-WS21351 Datasheet
363Kb / 7P
Half-bridge power IC for CFL lamps
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com