Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16M1 Datasheet (PDF) - ATMEL Corporation

ATMEGA16M1 Datasheet PDF - ATMEL Corporation
Part # ATMEGA16M1
Download  ATMEGA16M1 Download
File Size   1005.56 Kbytes
Page   25 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash

ATMEGA16M1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATMEGA16M1 Datasheet PDF - ATMEL Corporation

Part # ATMEGA16M1
Download  ATMEGA16M1 Click to download

File Size   1005.56 Kbytes
Page   25 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash

ATMEGA16M1 Datasheet (HTML) - ATMEL Corporation


ATMEGA16M1 Product details

Overview
The ATmega16/32/64/M1/C1 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the ATmega16/32/64/M1/C1 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.

Features
• High Performance, Low Power AVR 8-bit Microcontroller
• Advanced RISC Architecture
   – 131 Powerful Instructions - Most Single Clock Cycle Execution
   – 32 x 8 General Purpose Working Registers
   – Fully Static Operation
   – Up to 1MIPS throughput per MHz
   – On-chip 2-cycle Multiplier
• Data and Non-Volatile Program Memory
   – 16K/32K/64K Bytes Flash of In-System Programmable Program Memory
      • Endurance: 10,000 Write/Erase Cycles
   – Optional Boot Code Section with Independent Lock Bits
   – In-System Programming by On-chip Boot Program
      • True Read-While-Write Operation
   – 512/1024/2048 Bytes of In-System Programmable EEPROM
      • Endurance: 100,000 Write/Erase Cycles
• Programming Lock for Flash Program and EEPROM Data Security
• 1024/2048/4096 Bytes Internal SRAM
• On Chip Debug Interface (debugWIRE)
• CAN 2.0A/B with 6 Message Objects - ISO 16845 Certified (1)
• LIN 2.1 and 1.3 Controller or 8-Bit UART
• One 12-bit High Speed PSC (Power Stage Controller) (only ATmega16/32/64M1)
   • Non Overlapping Inverted PWM Output Pins With Flexible Dead-Time
   • Variable PWM duty Cycle and Frequency
   • Synchronous Update of all PWM Registers
   • Auto Stop Function for Emergency Event
• Peripheral Features
   – One 8-bit General purpose Timer/Counter with Separate Prescaler, Compare Mode
      and Capture Mode
   – One 16-bit General purpose Timer/Counter with Separate Prescaler, Compare
      Mode and Capture Mode
   – One Master/Slave SPI Serial Interface
   – 10-bit ADC
      • Up To 11 Single Ended Channels and 3 Fully Differential ADC Channel Pairs
      • Programmable Gain (5x, 10x, 20x, 40x) on Differential Channels
      • Internal Reference Voltage
      • Direct Power Supply Voltage Measurement
   – 10-bit DAC for Variable Voltage Reference (Comparators, ADC)
   – Four Analog Comparators with Variable Threshold Detection
   – 100µA ±6% Current Source (LIN Node Identification)
   – Interrupt and Wake-up on Pin Change
   – Programmable Watchdog Timer with Separate On-Chip Oscillator
   – On-chipTemperature Sensor
• Special Microcontroller Features
   – Low Power Idle, Noise Reduction, and Power Down Modes
   – Power On Reset and Programmable Brown Out Detection
   – In-System Programmable via SPI Port
   – High Precision Crystal Oscillator for CAN Operations (16MHz)




Similar Part No. - ATMEGA16M1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATmega16M1 ATMEL-ATmega16M1 Datasheet
6Mb / 365P
8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16M1 ATMEL-ATMEGA16M1 Datasheet
792Kb / 22P
8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA16M1 ATMEL-ATMEGA16M1 Datasheet
413Kb / 12P
Automotive Specification at 150째C
ATmega16M1 ATMEL-ATmega16M1 Datasheet
5Mb / 20P
Atmel짰 AVR짰 32-bit microcontrollers
ATMEGA16M1-15AZ ATMEL-ATMEGA16M1-15AZ Datasheet
1Mb / 27P
8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
More results


Similar Description - ATMEGA16M1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90CAN32 ATMEL-AT90CAN32_08 Datasheet
496Kb / 17P
8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
ATMEGA16HVB ATMEL-ATMEGA16HVB Datasheet
389Kb / 20P
8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_09 Datasheet
476Kb / 22P
8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16M1 ATMEL-ATMEGA16M1_1 Datasheet
6Mb / 365P
8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_1 Datasheet
4Mb / 273P
8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_10 Datasheet
462Kb / 21P
8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_10 Datasheet
568Kb / 28P
8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA32M1-15AZ ATMEL-ATMEGA32M1-15AZ Datasheet
1Mb / 27P
8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16M1-15AZ ATMEL-ATMEGA16M1-15AZ Datasheet
1Mb / 27P
8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16M1 ATMEL-ATMEGA16M1_14 Datasheet
908Kb / 12P
8-bit Microcontroller with 16K/32K/64K Bytes In-system
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com