Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANY88 Datasheet (PDF) - ATMEL Corporation

ANY88 Datasheet PDF - ATMEL Corporation
Part # ANY88
Download  ANY88 Download
File Size   698.25 Kbytes
Page   22 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash

ANY88 Datasheet (PDF)

Go To PDF Page Download Datasheet
ANY88 Datasheet PDF - ATMEL Corporation

Part # ANY88
Download  ANY88 Click to download

File Size   698.25 Kbytes
Page   22 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash

ANY88 Datasheet (HTML) - ATMEL Corporation


ANY88 Product details

Overview
The ATtiny48/88 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the ATtiny48/88 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.

Features
• High Performance, Low Power AVR® 8-Bit Microcontroller
• Advanced RISC Architecture
   – 123 Powerful Instructions – Most Single Clock Cycle Execution
   – 32 x 8 General Purpose Working Registers
   – Fully Static Operation
• High Endurance Non-volatile Memory Segments
   – 4K/8K Bytes of In-System Self-Programmable Flash Program Memory
   – 64/64 Bytes EEPROM
   – 256/512 Bytes Internal SRAM
   – Write/Erase Cycles: 10,000 Flash/100,000 EEPROM
   – Data Retention: 20 years at 85°C / 100 years at 25°C
   – Programming Lock for Software Security
• Peripheral Features
   – One 8-bit Timer/Counter with Separate Prescaler and Compare Mode
   – One 16-bit Timer/Counter with Prescaler, and Compare and Capture Modes
   – 6- or 8-channel 10-bit ADC
   – Master/Slave SPI Serial Interface
   – Byte-oriented 2-wire Serial Interface (Philips I2C Compatible)
   – Programmable Watchdog Timer with Separate On-Chip Oscillator
   – On-Chip Analog Comparator
   – Interrupt and Wake-up on Pin Change
• Special Microcontroller Features
   – debugWIRE On-Chip Debug System
   – In-System Programmable via SPI Port
   – Power-On Reset and Programmable Brown-Out Detection
   – Internal Calibrated Oscillator
   – External and Internal Interrupt Sources
   – Three Sleep Modes: Idle, ADC Noise Reduction and Power-Down
   – On-Chip Temperature Sensor
• I/O and Packages
   – 24 Programmable I/O Lines:
• 28-pin PDIP
• 28-pad QFN/MLF
   – 28 Programmable I/O Lines:
• 32-lead TQFP
• 32-pad QFN/MLF
• 32-ball UFBGA
• Operating Voltage:
   – 1.8 – 5.5V
• Temperature Range:
   – -40°C to +85°C
• Speed Grade:
   – 0 – 4 MHz @ 1.8 – 5.5V
   – 0 – 8 MHz @ 2.7 – 5.5V
   – 0 – 12 MHz @ 4.5 – 5.5V
• Low Power Consumption
   – Active Mode: 1 MHz, 1.8V: 240 µA
   – Power-Down Mode: 0.1 µA at 1.8V




Similar Part No. - ANY88

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ANY412-SSNR MICROCHIP-ANY412-SSNR Datasheet
3Mb / 479P
AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 technology
2017
ANY424 MICROCHIP-ANY424 Datasheet
4Mb / 532P
tinyAVR짰 2 Family
2021
ANY426 MICROCHIP-ANY426 Datasheet
4Mb / 532P
tinyAVR짰 2 Family
2021
logo
Coolgear Inc.
ANYPLACEUSB-H3 COOLGEAR-ANYPLACEUSB-H3 Datasheet
148Kb / 2P
Basc Measurements Mounting Holes Port Detailed
2021/11/5
ANYPLACEUSB-H6 COOLGEAR-ANYPLACEUSB-H6 Datasheet
690Kb / 3P
Basic Measurements Mounting Holes
2021/10/5
More results


Similar Description - ANY88

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY48 ATMEL-ATTINY48_09 Datasheet
728Kb / 23P
8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY48 ATMEL-ATTINY48_1 Datasheet
6Mb / 266P
8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATTINY48 ATMEL-ATTINY48_10 Datasheet
937Kb / 26P
8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY88-AU ATMEL-ATTINY88-AU Datasheet
8Mb / 302P
8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com