Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA32A Datasheet (PDF) - ATMEL Corporation

ATMEGA32A Datasheet PDF - ATMEL Corporation
Part # ATMEGA32A
Download  ATMEGA32A Download
File Size   427.24 Kbytes
Page   18 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 32K Bytes In-System Programmable Flash

ATMEGA32A Datasheet (PDF)

Go To PDF Page Download Datasheet
ATMEGA32A Datasheet PDF - ATMEL Corporation

Part # ATMEGA32A
Download  ATMEGA32A Click to download

File Size   427.24 Kbytes
Page   18 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 32K Bytes In-System Programmable Flash

ATMEGA32A Datasheet (HTML) - ATMEL Corporation


ATMEGA32A Product details

8-bit AVR® Microcontroller with 32K Bytes In-System Programmable Flash



Overview

The ATmega32A is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC

architecture. By executing powerful instructions in a single clock cycle, the ATmega32A achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.



Features

• High-performance, Low-power AVR® 8-bit Microcontroller

• Advanced RISC Architecture

– 131 Powerful Instructions – Most Single-clock Cycle Execution

– 32 x 8 General Purpose Working Registers

– Fully Static Operation

– Up to 16 MIPS Throughput at 16 MHz

– On-chip 2-cycle Multiplier

• High Endurance Non-volatile Memory segments

– 32K Bytes of In-System Self-programmable Flash program memory

– 1024 Bytes EEPROM

– 2K Byte Internal SRAM

– Write/Erase Cycles: 10,000 Flash/100,000 EEPROM

– Data retention: 20 years at 85°C/100 years at 25°C(1)

– Optional Boot Code Section with Independent Lock Bits

• In-System Programming by On-chip Boot Program

• True Read-While-Write Operation

– Programming Lock for Software Security

• JTAG (IEEE std. 1149.1 Compliant) Interface

– Boundary-scan Capabilities According to the JTAG Standard

– Extensive On-chip Debug Support

– Programming of Flash, EEPROM, Fuses, and Lock Bits through the JTAG Interface

• Peripheral Features

– Two 8-bit Timer/Counters with Separate Prescalers and Compare Modes

– One 16-bit Timer/Counter with Separate Prescaler, Compare Mode, and Capture Mode

– Real Time Counter withSeparate Oscillator

–Four PWM Channels

– 8-channel, 10-bit ADC

• 8 Single-ended Channels

• 7 Differential Channels in TQFP Package Only

• 2 Differential Channels with Programmable Gain at 1x, 10x, or 200x

– Byte-oriented Two-wire Serial Interface

– Programmable Serial USART

– Master/Slave SPI Serial Interface

– Programmable Watchdog Timer with Separate On-chip Oscillator

– On-chip Analog Comparator

• Special Microcontroller Features

– Power-on Reset and Programmable Brown-out Detection

– Internal Calibrated RC Oscillator

– External and Internal Interrupt Sources

– Six Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down, Standby and Extended Standby

• I/O and Packages

– 32 Programmable I/O Lines

– 40-pin PDIP, 44-lead TQFP, and 44-pad QFN/MLF

• Operating Voltages

– 2.7 - 5.5V for ATmega32A

• Speed Grades

– 0 - 16 MHz for ATmega32A

• Power Consumption at 1 MHz, 3V, 25°C for ATmega32A

– Active: 0.6 mA

– Idle Mode: 0.2 mA

– Power-down Mode: < 1 µA




Similar Part No. - ATMEGA32A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATmega32A ATMEL-ATmega32A Datasheet
6Mb / 352P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A Datasheet
5Mb / 336P
8-bit Microcontroller with 32KBytes In-System Programmable Flash
ATmega32A-AU ATMEL-ATmega32A-AU Datasheet
6Mb / 352P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATmega32A-MU ATMEL-ATmega32A-MU Datasheet
6Mb / 352P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATmega32A-PU ATMEL-ATmega32A-PU Datasheet
6Mb / 352P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results


Similar Description - ATMEGA32A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA325P ATMEL-ATMEGA325P Datasheet
346Kb / 25P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_06 Datasheet
3Mb / 336P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_08 Datasheet
471Kb / 25P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_08 Datasheet
332Kb / 22P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA324PA ATMEL-ATMEGA324PA Datasheet
546Kb / 24P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32 ATMEL-ATMEGA32_08 Datasheet
5Mb / 346P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_09 Datasheet
513Kb / 24P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A_09 Datasheet
518Kb / 18P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA328P ATMEL-ATMEGA328P_09 Datasheet
5Mb / 345P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_1 Datasheet
5Mb / 385P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com