Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA13 Datasheet (PDF) - Cirrus Logic

PA13 Datasheet PDF - Cirrus Logic
Part # PA13
Download  PA13 Download
File Size   642.19 Kbytes
Page   7 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Power Operational Amplifier

PA13 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA13 Datasheet PDF - Cirrus Logic

Part # PA13
Download  PA13 Click to download

File Size   642.19 Kbytes
Page   7 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Power Operational Amplifier

PA13 Datasheet (HTML) - Cirrus Logic


PA13 Product details

DESCRIPTION
The PA13 is a state of the art high voltage, very high output current operational amplifier designed to drive resistive, inductive and capacitive loads. For optimum linearity, especially at low levels, the output stage is biased for class A/B operation using a thermistor compensated base-emitter voltage multiplier circuit. The safe operating area (SOA) can be observed for all operating conditions by selection of user programmable current limiting resistors. For continuous operation under load, a heatsink of proper rating is recommended. The PA13 is not recommended for gains below –3 (inverting) or +4 (non-inverting).

FEATURES
♦ LOW THERMAL RESISTANCE — 1.1°C/W
♦ CURRENT FOLDOVER PROTECTION
♦ EXCELLENT LINEARITY — Class A/B Output
♦ WIDE SUPPLY RANGE — ±10V to ±45V
♦ HIGH OUTPUT CURRENT — Up to ±15A Peak

APPLICATIONS
♦ MOTOR, VALVE AND ACTUATOR CONTROL
♦ MAGNETIC DEFLECTION CIRCUITS UP TO 10A
♦ POWER TRANSDUCERS UP TO 100kHz
♦ TEMPERATURE CONTROL UP TO 360W
♦ PROGRAMMABLE POWER SUPPLIES UP TO 90V
♦ AUDIO AMPLIFIERS UP TO 120W RMS




Similar Part No. - PA13

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA13 APEX-PA13 Datasheet
226Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA13 CIRRUS-PA13 Datasheet
291Kb / 7P
Power Operational Amplifier
PA13 CIRRUS-PA13 Datasheet
775Kb / 7P
Power Operational Amplifier
logo
List of Unclassifed Man...
PA13 ETC2-PA13 Datasheet
713Kb / 7P
Power Operational Amplifier
logo
API Technologies Corp
PA13-1580-005SA APITECH-PA13-1580-005SA Datasheet
72Kb / 1P
SALES DRAWING
More results


Similar Description - PA13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
Power Operational Amplifier
logo
List of Unclassifed Man...
TPA12 ETC2-TPA12 Datasheet
147Kb / 5P
Power Operational Amplifier
logo
Cirrus Logic
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
POWER OPERATIONAL AMPLIFIER
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
Power Operational Amplifier
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
Power Operational Amplifier
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com