Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT18F010 Datasheet (PDF) - ATMEL Corporation

AT18F010 Datasheet PDF - ATMEL Corporation
Part # AT18F010
Download  AT18F010 Download
File Size   347.61 Kbytes
Page   16 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description FPGA Configuration Flash Memory

AT18F010 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT18F010 Datasheet PDF - ATMEL Corporation

Part # AT18F010
Download  AT18F010 Click to download

File Size   347.61 Kbytes
Page   16 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description FPGA Configuration Flash Memory

AT18F010 Datasheet (HTML) - ATMEL Corporation


AT18F010 Product details

Description

The AT18F Series of JTAG In-System Programmable Configuration PROMs (Configurators) provide an easy-to-use, cost-effective configuration memory for Field Programmable Gate Arrays. The AT18F Series device is packaged in a 20-lead TSSOP. The AT18F Series Configurator uses a simple serial-access procedure to

configure one or more FPGA devices.

The AT18F Series Configurators can be programmed with Atmel or industry-standard, third-party, stand-alone programmers such as BP, Data I/O, Hi-Lo, etc.



Features

• Very Low-cost Configuration Memory

• Programmable 1,048,576 x 1, 2,097,152 x 1, 4,194,304 x 1 and 7,340,032 x 1-bit Serial Memories Designed to Store Configuration Programs for Field Programmable Gate Arrays (FPGAs)

• 1.8V, 2.5V, and 3.3V I/O

• 3.3V Supply Voltage

• Program Support using an Atmel Programmer or Industry-standard Third Party Programmers

• In-System Programmable (ISP) via JTAG Interface (IEEE 1532)

• IEEE 1149.1 Boundary-scan Testability

• Simple Interface to SRAM FPGAs

• Pin Compatible with Xilinx® XCFxxS Series Platform Flash PROM to Configure Xilinx Spartan® and Virtex® FPGAs

• Cascadable Read-back to Support Additional Configurations or Higher-density FPGAs

• Low-power CMOS FLASH Process

• Available in 20-lead TSSOP Package

• Low-power Standby Mode

• Fast Serial Download Speeds up to 33 MHz

• Endurance: 100,000 Write Cycles Typical

• Green (Pb/Halide-free/RoHS Compliant) Package

• Functionally-compatible with Existing AT17 Series Configuration Memories to Configure Atmel AT40KAL Series FPGAs




Similar Part No. - AT18F010

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT18F010 ATMEL-AT18F010_14 Datasheet
348Kb / 16P
Very Low-cost Configuration Memory
More results


Similar Description - AT18F010

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17F040 ATMEL-AT17F040 Datasheet
307Kb / 19P
FPGA CONFIGURATION FLASH MEMORY
AT17F16 ATMEL-AT17F16 Datasheet
217Kb / 18P
FPGA Configuration Flash Memory
AT17F16A ATMEL-AT17F16A Datasheet
210Kb / 15P
FPGA Configuration Flash Memory
AT17F040A ATMEL-AT17F040A Datasheet
326Kb / 16P
FPGA Configuration Flash Memory
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
FPGA Configuration Memory
AT17F040 ATMEL-AT17F040_08 Datasheet
340Kb / 19P
FPGA Configuration Flash Memory
AT17F16 ATMEL-AT17F16_08 Datasheet
333Kb / 20P
FPGA Configuration Flash Memory
AT17F32 ATMEL-AT17F32 Datasheet
252Kb / 14P
FPGA Configuration Flash Memory
AT17F16A ATMEL-AT17F16A Datasheet
290Kb / 16P
FPGA Configuration Flash Memory
AT17F32A ATMEL-AT17F32A Datasheet
190Kb / 14P
FPGA Configuration Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com