Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3SFR0 Datasheet (PDF) - Semtech Corporation

3SFR0 Datasheet PDF - Semtech Corporation
Part # 3SFR0
Download  3SFR0 Download
File Size   178.41 Kbytes
Page   4 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RECTIFIER, 1kV, 3.25A, 150ns

3SFR0 Datasheet (PDF)

Go To PDF Page Download Datasheet
3SFR0 Datasheet PDF - Semtech Corporation

Part # 3SFR0
Download  3SFR0 Click to download

File Size   178.41 Kbytes
Page   4 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RECTIFIER, 1kV, 3.25A, 150ns

3SFR0 Datasheet (HTML) - Semtech Corporation




Similar Part No. - 3SFR0

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
3SF05 SEMTECH-3SF05 Datasheet
183Kb / 5P
Axial Leaded Hermetically Sealed Fast Rectifier Diode
3SF05 SEMTECH-3SF05 Datasheet
135Kb / 5P
Axial Leaded Hermetically Sealed Fast Rectifier Diode
3SF1 SEMTECH-3SF1 Datasheet
183Kb / 5P
Axial Leaded Hermetically Sealed Fast Rectifier Diode
3SF1 SEMTECH-3SF1 Datasheet
135Kb / 5P
Axial Leaded Hermetically Sealed Fast Rectifier Diode
3SF2 SEMTECH-3SF2 Datasheet
183Kb / 5P
Axial Leaded Hermetically Sealed Fast Rectifier Diode
More results


Similar Description - 3SFR0

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
N-150NS SANYO-N-150NS Datasheet
203Kb / 1P
Cell Type N-150NS
logo
Semtech Corporation
1N5614 SEMTECH-1N5614 Datasheet
143Kb / 3P
RECTIFIER, up to 1kV, 2A, 2關s
1N5615 SEMTECH-1N5615 Datasheet
190Kb / 4P
RECTIFIER, up to 1kV, 2A, 150-500ns
3PF8 SEMTECH-3PF8 Datasheet
157Kb / 4P
RECTIFIER, up to 1kV, 3.25A, 300ns
3PFR0 SEMTECH-3PFR0 Datasheet
149Kb / 4P
RECTIFIER, 1kV, 2.7A, 150ns
SFR0 SEMTECH-SFR0 Datasheet
175Kb / 4P
RECTIFIER, 1kV, 1.6A, 150ns
logo
GETAI ELECTRONICS DEVIC...
2CL2FF GETEDZ-2CL2FF_16 Datasheet
446Kb / 1P
60mA 8.0Kv 150nS--High voltage silicon rectifier diode
2CL2FH GETEDZ-2CL2FH_16 Datasheet
446Kb / 1P
60mA 12Kv 150nS--High voltage silicon rectifier diode
2CL2FJ GETEDZ-2CL2FJ_16 Datasheet
446Kb / 1P
60mA 15Kv 150nS--High voltage silicon rectifier diode
2CL2FG GETEDZ-2CL2FG_16 Datasheet
447Kb / 1P
60mA 10Kv 150nS--High voltage silicon rectifier diode
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com