Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFD012 Datasheet (PDF) - International Rectifier

IRFD012 Datasheet PDF - International Rectifier
Part # IRFD012
Download  IRFD012 Download
File Size   442.41 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET TRANSISTORS N-CHANNEL HEXDIP

IRFD012 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFD012 Datasheet PDF - International Rectifier

Part # IRFD012
Download  IRFD012 Click to download

File Size   442.41 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET TRANSISTORS N-CHANNEL HEXDIP

IRFD012 Datasheet (HTML) - International Rectifier


IRFD012 Product details

50 Volts, 0.20 Ohm, 1-Watt HEXDIP




Similar Part No. - IRFD012

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFD014 IRF-IRFD014 Datasheet
171Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=1.7A)
logo
Vishay Siliconix
IRFD014 VISHAY-IRFD014 Datasheet
2Mb / 8P
Power MOSFET
21-Jul-08
IRFD014 VISHAY-IRFD014 Datasheet
1Mb / 9P
Power MOSFET
25-Oct-10
IRFD014 VISHAY-IRFD014 Datasheet
1Mb / 9P
Power MOSFET
25-Oct-10
IRFD014 VISHAY-IRFD014 Datasheet
868Kb / 9P
Power MOSFET
30-Aug-2021
More results


Similar Description - IRFD012

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP250 IRF-IRFP250 Datasheet
493Kb / 8P
N-Channel(Hexfet Transistors)
IRFD9020 IRF-IRFD9020 Datasheet
442Kb / 6P
HEXFET TRANSISTORS P CHANNEL HEXDIP
IRFZ22 IRF-IRFZ22 Datasheet
237Kb / 6P
HEXFET TRANSISTORS
IRFF9024 IRF-IRFF9024 Datasheet
135Kb / 7P
HEXFET TRANSISTORS
IRF224 IRF-IRF224 Datasheet
398Kb / 6P
HEXFET TRANSISTORS
IRFV064 IRF-IRFV064 Datasheet
216Kb / 8P
HEXFET TRANSISTOR, N-CHANNEL
IRFAF40 IRF-IRFAF40 Datasheet
151Kb / 7P
HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE) 900V, N-CHANNEL
IRFD020 IRF-IRFD020 Datasheet
238Kb / 6P
HEXFET TRANSISTORS N-CHANNEL HEXDIP
logo
New Jersey Semi-Conduct...
2N6755 NJSEMI-2N6755 Datasheet
409Kb / 3P
HEXFET TRANSISTORS
logo
International Rectifier
IRFD9010 IRF-IRFD9010 Datasheet
453Kb / 6P
HEXFET짰 TRANSISTORS P-CHANNEL HEXDIP?
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com