Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBR20 Datasheet (PDF) - Semtech Corporation

SBR20 Datasheet PDF - Semtech Corporation
Part # SBR20
Download  SBR20 Download
File Size   69.23 Kbytes
Page   2 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description STANDARD RECOVERY 1-PHASE SILICON BRIDGE RECTIFIERS

SBR20 Datasheet (PDF)

Go To PDF Page Download Datasheet
SBR20 Datasheet PDF - Semtech Corporation

Part # SBR20
Download  SBR20 Click to download

File Size   69.23 Kbytes
Page   2 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description STANDARD RECOVERY 1-PHASE SILICON BRIDGE RECTIFIERS

SBR20 Datasheet (HTML) - Semtech Corporation




Similar Part No. - SBR20

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBR200-10G SANYO-SBR200-10G Datasheet
50Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 20A Rectifier
SBR200-10JS SANYO-SBR200-10JS Datasheet
50Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 20A Rectifier
SBR200-16JS SANYO-SBR200-16JS Datasheet
40Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 160V, 20A Rectifier
logo
DAESAN ELECTRONIC CORP.
SBR20100 DAESAN-SBR20100 Datasheet
330Kb / 2P
CURRENT 20.0Amperes VOLTAGE 20 to 100 Volts
logo
SeCoS Halbleitertechnol...
SBR20100 SECOS-SBR20100 Datasheet
304Kb / 2P
20 Amp Schottky Barrier Rectifiers
More results


Similar Description - SBR20

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
3SBM SEMTECH-3SBM Datasheet
51Kb / 2P
STANDARD RECOVERY 1 PHASE SILICON BRIDGE RECTIFIERS
3SBMF SEMTECH-3SBMF Datasheet
52Kb / 2P
FAST RECOVERY 1 PHASE SILICON BRIDGE RECTIFIERS
S3BR05 SEMTECH-S3BR05 Datasheet
67Kb / 2P
STANDARD RECOVERY 3-PHASE SILICON BRIDGE RECTIFIERS
SBM SEMTECH-SBM Datasheet
59Kb / 2P
STANDARD RECOVERY 1 PHASE SILICON BRIDGE RECTIFIERS
SCAS05 SEMTECH-SCAS05 Datasheet
61Kb / 2P
STANDARD RECOVERY 1 PHASE FULL WAVE BRIDGE RECTIFIERS
SCBAR05 SEMTECH-SCBAR05 Datasheet
59Kb / 2P
STANDARD RECOVERY 1 PHASE FULL WAVE BRIDGE RECTIFIERS
S3BR05 SEMTECH-S3BR05_08 Datasheet
235Kb / 2P
STANDARD RECOVERY 3-PHASE SILICON BRIDGE RECTIFIERS
3SBMX2 SEMTECH-3SBMX2 Datasheet
51Kb / 2P
STANDARD RECOVERY 1 PHASE SILICON BRIDGE RECTIFIERS
SBMX2 SEMTECH-SBMX2 Datasheet
60Kb / 2P
STANDARD RECOVERY 1 PHASE SILICON BRIDGE RECTIFIERS
SBMX05F SEMTECH-SBMX05F Datasheet
60Kb / 2P
FAST RECOVERY 1 PHASE SILICON BRIDGE RECTIFIERS
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com