Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6623 Datasheet (PDF) - ATMEL Corporation

ATA6623 Datasheet PDF - ATMEL Corporation
Part # ATA6623
Download  ATA6623 Download
File Size   392.17 Kbytes
Page   22 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description LIN Bus Transceiver with Integrated Voltage Regulator

ATA6623 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATA6623 Datasheet PDF - ATMEL Corporation

Part # ATA6623
Download  ATA6623 Click to download

File Size   392.17 Kbytes
Page   22 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description LIN Bus Transceiver with Integrated Voltage Regulator

ATA6623 Datasheet (HTML) - ATMEL Corporation


ATA6623 Product details

Description

ATA6623/ATA6625 is a fully integrated LIN transceiver, designed according to the LIN specification 2.0 and 2.1, with a low-drop voltage regulator (3.3V/5V/50 mA). The combination of voltage regulator and bus transceiver makes it possible to develop simple, but powerful, slave nodes in LIN Bus systems. ATA6623/ATA6625 is designed to handle the low-speed data communication in vehicles (for example, in convenience electronics).



Features

• Supply Voltage up to 40V

• Operating Voltage VS= 5V to 27V

• Typically 10 µA Supply Current During Sleep Mode

• Typically 57 µA Supply Current in Silent Mode

• Linear Low-drop Voltage Regulator:

   – Normal, Fail-safe, and Silent Mode

   – ATA6623: VCC= 3.3V ±2%

   – ATA6625: VCC= 5.0V ±2%

   – Sleep Mode: VCC is Switched Off

• VCCUndervoltage Detection with Reset Open Drain Output NRES (4 ms Reset Time)

• Voltage Regulator is Short-circuit and Over-temperature Protected

• LIN Physical Layer According toLIN 2.0, 2.1 and SAEJ2602-2

• Wake-up Capability via LIN Bus (90 µs Dominant)

• TXD Time-out Timer

• Bus Pin is Overtemperature and Short-circuit Protected versus GND and Battery

• Advanced EMC and ESD Performance

• Fulfills the OEM “Hardware Requirements for LIN in Automotive Applications Rev1.0”

• Interference and Damage Protection According to ISO7637

• Package: SO8




Similar Part No. - ATA6623

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6623 ATMEL-ATA6623 Datasheet
695Kb / 23P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623 ATMEL-ATA6623 Datasheet
704Kb / 24P
Linear Low-drop Voltage Regulator
ATA6623-TAPY ATMEL-ATA6623-TAPY Datasheet
695Kb / 23P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623-TAQY ATMEL-ATA6623-TAQY Datasheet
695Kb / 23P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623C ATMEL-ATA6623C Datasheet
704Kb / 24P
Linear Low-drop Voltage Regulator
More results


Similar Description - ATA6623

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8423 ALLEGRO-A8423 Datasheet
368Kb / 8P
LIN Bus Transceiver with Integrated Voltage Regulator
February 9, 2004
logo
ATMEL Corporation
ATA6620 ATMEL-ATA6620_06 Datasheet
325Kb / 20P
LIN Bus Transceiver with Integrated Voltage Regulator
logo
ELMOS Semiconductor AG
910.18 ELMOS-910.18 Datasheet
123Kb / 2P
lin bus transceiver with integrated voltage regulator
logo
ATMEL Corporation
ATA6620N ATMEL-ATA6620N Datasheet
418Kb / 20P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N_09 Datasheet
383Kb / 22P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623 ATMEL-ATA6623_09 Datasheet
695Kb / 23P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623C ATMEL-ATA6623C_14 Datasheet
814Kb / 22P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6629 ATMEL-ATA6629_14 Datasheet
961Kb / 26P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6631 ATMEL-ATA6631_14 Datasheet
961Kb / 26P
LIN Bus Transceiver with Integrated Voltage Regulator
logo
Infineon Technologies A...
TLE8457 INFINEON-TLE8457 Datasheet
1Mb / 33P
LIN Transceiver with integrated Voltage Regulator
Rev. 1.0 2016-08-05
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com