Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4624A Datasheet (PDF) - Semtech Corporation

SC4624A Datasheet PDF - Semtech Corporation
Part # SC4624A
Download  SC4624A Download
File Size   1297.25 Kbytes
Page   19 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator

SC4624A Datasheet (PDF)

Go To PDF Page Download Datasheet
SC4624A Datasheet PDF - Semtech Corporation

Part # SC4624A
Download  SC4624A Click to download

File Size   1297.25 Kbytes
Page   19 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator

SC4624A Datasheet (HTML) - Semtech Corporation


SC4624A Product details

Description
The SC4624A is a highly integrated synchronous stepdown DC/DC regulator designed for low input voltage range of 2.3V to 5.5 Volts. It can deliver 4A continuous output current with the output voltage as low as 0.5 Volts. The internal low RDS(ON) synchronous power switches eliminate the need for external Schottky diode while delivering overall converter efficiency up to 95%.

Features
◆ VIN Range: 2.3 – 5.5V
◆ 4A Continuous Output Current
◆ Adjustable Output Voltage 0.5V to Vin
◆ Low RDS(ON) integrated FETs: 75mΩ and 47mΩ
◆ Up to 95% Efficiency
◆ Synchronizable and Programmable Frequency: 200kHz – 2MHz
◆ Power Good Monitor
◆ <1µA of Shutdown Current
◆ Programmable Soft Start
◆ Programmable Current Limit
◆ Over Temperature protection
◆ -40 to +85 °C Ambient Temperature Range
◆ 4X4mm MLPQ-20 packages- WEEE and RoHS compliant

Applications
◆ Low Voltage Distributed DC-DC Converters
◆ Telecommunication Power Supplies
◆ Portable Equipment
◆ xDSL




Similar Part No. - SC4624A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4624 SEMTECH-SC4624 Datasheet
849Kb / 20P
Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
SC4624 SEMTECH-SC4624 Datasheet
846Kb / 20P
Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
SC4624EVB-MLPQ SEMTECH-SC4624EVB-MLPQ Datasheet
849Kb / 20P
Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
SC4624EVB-MLPQ SEMTECH-SC4624EVB-MLPQ Datasheet
846Kb / 20P
Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
SC4624EVB-SO SEMTECH-SC4624EVB-SO Datasheet
849Kb / 20P
Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
More results


Similar Description - SC4624A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4624 SEMTECH-SC4624 Datasheet
849Kb / 20P
Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
SC4620 SEMTECH-SC4620 Datasheet
1Mb / 19P
Low Input Voltage, High Efficiency, 2.5A Integrated FET Synchronous Step down DC/DC Regulator
SC4620 SEMTECH-SC4620_08 Datasheet
1Mb / 19P
Low Input Voltage, High Efficiency, 2.5A Integrated FET Synchronous Step down DC/DC Regulator
SC4624 SEMTECH-SC4624_08 Datasheet
846Kb / 20P
Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
logo
Linear Technology
LTC3852 LINER-LTC3852_15 Datasheet
424Kb / 32P
Low Input Voltage, Synchronous Step-Down DC/DC Controller
logo
Global Mixed-mode Techn...
G5759 GMT-G5759 Datasheet
94Kb / 1P
400kHz 4A Synchronous Step-down DC/DC
logo
Linear Technology
LTC3852 LINER-LTC3852 Datasheet
424Kb / 32P
Low Input Voltage, Synchronous Step-Down DC/DC Controller
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
Monolithic 4A DC/DC Step-Down Regulator
logo
Maxim Integrated Produc...
MAX16962 MAXIM-MAX16962 Datasheet
637Kb / 13P
4A, 2.2MHz, Synchronous Step-Down DC-DC Converter
Rev 3; 7/15
logo
AiT Semiconductor Inc.
A7240 AITSEMI-A7240 Datasheet
463Kb / 9P
DC-DC CONVERTER/ BUCK (STEP-DOWN) 4A, 16V HIGH EFFICIENCY SYNCHRONOUS
REV2.0
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com