Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ05XSP16 Datasheet (PDF) - STMicroelectronics

VNQ05XSP16 Datasheet PDF - STMicroelectronics
Part # VNQ05XSP16
Download  VNQ05XSP16 Download
File Size   247.54 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD CHANNEL HIGH SIDE SOLID STATE RELAY

VNQ05XSP16 Datasheet (PDF)

Go To PDF Page Download Datasheet
VNQ05XSP16 Datasheet PDF - STMicroelectronics

Part # VNQ05XSP16
Download  VNQ05XSP16 Click to download

File Size   247.54 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD CHANNEL HIGH SIDE SOLID STATE RELAY

VNQ05XSP16 Datasheet (HTML) - STMicroelectronics


VNQ05XSP16 Product details

Description
The VNQ05XSP16 is a monolithic device designed in STMicroelectronics VIPower M0-3 Technology. It is intended for driving any type of multiple loads with one side connected to ground. Active VCC pin voltage clamp protects the device against low energy spikes (see ISO7637 transient compatibility table). This device has four independent channels and one multiplexed analog sense output which deliver a current proportional to the selected output current. SenseEnable pin allows to connect any number of VNQ05XSP16 on the same Current Sense line. Active current limitation combined with thermal shut-down and automatic restart protect the device against overload. Device automatically turns off in case of ground pin disconnection. TYPE RON(*) IOUT VCC VNQ05XSP16 110mΩ 5A (*) 36 V

Features
■ OUTPUT CURRENT (CONTINUOUS): 5A
■ CMOS COMPATIBLE INPUTS
■ MULTIPLEXED PROPORTIONAL LOAD CURRENT SENSE
■ UNDERVOLTAGE & OVERVOLTAGE SHUT- DOWN
■ OVERVOLTAGE CLAMP
■ THERMAL SHUT DOWN
■ CURRENT LIMITATION
■ VERY LOW STAND-BY POWER DISSIPATION
■ PROTECTION AGAINST: n LOSS OF GROUND & LOSS OF VCC
■ REVERSE BATTERY PROTECTION (**)




Similar Part No. - VNQ05XSP16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ05XSP16TR-E STMICROELECTRONICS-VNQ05XSP16TR-E Datasheet
255Kb / 17P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
Mar-2003
More results


Similar Description - VNQ05XSP16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ600 STMICROELECTRONICS-VNQ600 Datasheet
339Kb / 18P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
rev. A
VNQ600A-1 STMICROELECTRONICS-VNQ600A-1 Datasheet
339Kb / 18P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
rev. A
VNQ600A STMICROELECTRONICS-VNQ600A Datasheet
339Kb / 18P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
Jun-2003
VNQ660SP STMICROELECTRONICS-VNQ660SP Datasheet
237Kb / 16P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
03-Dec-2008
VNQ690SP STMICROELECTRONICS-VNQ690SP Datasheet
188Kb / 19P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
July 2004 Rev. 1
VNQ600AP STMICROELECTRONICS-VNQ600AP Datasheet
234Kb / 18P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
Apr-2004
VNQ690SP13TR STMICROELECTRONICS-VNQ690SP13TR Datasheet
404Kb / 26P
Quad channel high side solid state relay
02-Dec-2008
VNQ660SPTR-E STMICROELECTRONICS-VNQ660SPTR-E Datasheet
408Kb / 26P
Quad channel high side solid state relay
03-Dec-2008
VNQ05XSP16TR-E STMICROELECTRONICS-VNQ05XSP16TR-E Datasheet
255Kb / 17P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
Mar-2003
VNQ660SP-E STMICROELECTRONICS-VNQ660SP-E Datasheet
408Kb / 26P
Quad channel high side solid state relay
03-Dec-2008
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com