Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA7600SP Datasheet (PDF) - Agamem Microelectronic Inc.

AA7600SP Datasheet PDF - Agamem Microelectronic Inc.
Part # AA7600SP
Download  AA7600SP Download
File Size   184.48 Kbytes
Page   6 Pages
Manufacturer  AGAMEM [Agamem Microelectronic Inc.]
Direct Link  http://www.agamem.com.tw/
Logo AGAMEM - Agamem Microelectronic Inc.
Description Video Signal Switcher

AA7600SP Datasheet (PDF)

Go To PDF Page Download Datasheet
AA7600SP Datasheet PDF - Agamem Microelectronic Inc.

Part # AA7600SP
Download  AA7600SP Click to download

File Size   184.48 Kbytes
Page   6 Pages
Manufacturer  AGAMEM [Agamem Microelectronic Inc.]
Direct Link  http://www.agamem.com.tw/
Logo AGAMEM - Agamem Microelectronic Inc.
Description Video Signal Switcher

AA7600SP Datasheet (HTML) - Agamem Microelectronic Inc.


AA7600SP Product details

OVERVIEW
The AA7600SP is video switching ICs. Each contains three two-channel analog multiplexers. It has internal clamp function and so is applied to fixed DC level of video signal.
   
FEATURES
• Operating supply voltage: 5 V
• Three 2-input / 1-output switches.
• Wide output frequency range: (1 kHz to 8MHz, 0dB Typical).
• Wide dynamic range (2.9 Vp-p Typical.)
• Low power consumption
   
APPLICATIONS
• Televisions
• VCR
   




Similar Part No. - AA7600SP

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA7600 AGAMEM-AA7600_10 Datasheet
44Kb / 1P
VIDEO SIGNAL SWITCHER
More results


Similar Description - AA7600SP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7021 ROHM-BA7021 Datasheet
67Kb / 3P
Video signal switcher
BA7602 ROHM-BA7602 Datasheet
75Kb / 6P
Video signal switcher
BA7603 ROHM-BA7603 Datasheet
77Kb / 6P
Video signal switcher
BA7605N ROHM-BA7605N Datasheet
60Kb / 5P
Video signal switcher
BA7606 ROHM-BA7606 Datasheet
82Kb / 6P
Video signal switcher
BA7607 ROHM-BA7607 Datasheet
89Kb / 7P
Video signal switcher
BA7611AN ROHM-BA7611AN Datasheet
57Kb / 4P
Video signal switcher
BA7612N ROHM-BA7612N Datasheet
57Kb / 5P
Video signal switcher
BA7649A ROHM-BA7649A Datasheet
65Kb / 5P
Video signal switcher
BA7001 ROHM-BA7001 Datasheet
64Kb / 3P
Video signal switcher
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com