Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA88347AP Datasheet (PDF) - Agamem Microelectronic Inc.

AA88347AP Datasheet PDF - Agamem Microelectronic Inc.
Part # AA88347AP
Download  AA88347AP Download
File Size   95.07 Kbytes
Page   10 Pages
Manufacturer  AGAMEM [Agamem Microelectronic Inc.]
Direct Link  http://www.agamem.com.tw/
Logo AGAMEM - Agamem Microelectronic Inc.
Description 8-BIT DAC

AA88347AP Datasheet (PDF)

Go To PDF Page Download Datasheet
AA88347AP Datasheet PDF - Agamem Microelectronic Inc.

Part # AA88347AP
Download  AA88347AP Click to download

File Size   95.07 Kbytes
Page   10 Pages
Manufacturer  AGAMEM [Agamem Microelectronic Inc.]
Direct Link  http://www.agamem.com.tw/
Logo AGAMEM - Agamem Microelectronic Inc.
Description 8-BIT DAC

AA88347AP Datasheet (HTML) - Agamem Microelectronic Inc.


AA88347AP Product details

DESCRIPTION
The AA88347AP is a CMOS processed digital to analog converter (DAC) with 8-bit reso- lotion, low leakage current and low operating current. The AA88347AP has 8 channels with build in operational amplifier output buffers which could operate in the full-swing voltage range from VCC to GND and enhance the Drive/Sink ability up to max. 1mA.
   
FEATURE
● 12 bits serial data input(3 wire serial data
    transfer method, DI, CLK, LD)
● R-2R resistor ladder used for D/A conversion
● 8 channels with 8-bit resolution monotonic D/A
    converted
● 8 channel buffer operational amplifiers operating
    in the full voltage range from VCC to GND only
    if VDD=VCC and VSS=GND
● Max. 2.5 MHz serial digital data input
● Serial I/O for cascade application
● Max. 1.0 mA output drive/sink current
● Two separate power supply/ground lines for
    system and analog power supply
● Single +5 V system power supply
   




Similar Part No. - AA88347AP

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA88347A AGAMEM-AA88347A Datasheet
52Kb / 1P
8-BIT DAC
More results


Similar Description - AA88347AP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5018 MAXIM-MAX5018 Datasheet
142Kb / 12P
8-Bit, High-Speed DAC
Rev 0; 3/97
logo
List of Unclassifed Man...
USC1841 ETC-USC1841 Datasheet
4Mb / 6P
QUAD 8 BIT DAC
logo
Samsung semiconductor
AL1213A SAMSUNG-AL1213A Datasheet
91Kb / 12P
8-BIT 0.5MSPS DAC
logo
Agamem Microelectronic ...
AA88347L AGAMEM-AA88347L Datasheet
199Kb / 10P
8-BIT DAC
AA88348AP AGAMEM-AA88348AP Datasheet
95Kb / 10P
8-BIT DAC
AA88349 AGAMEM-AA88349 Datasheet
196Kb / 8P
8-BIT DAC
logo
A1 PROs co., Ltd.
AI88347 A1PROS-AI88347 Datasheet
277Kb / 12P
8-BIT DAC
logo
Agamem Microelectronic ...
AA88347A AGAMEM-AA88347A Datasheet
52Kb / 1P
8-BIT DAC
AA88348 AGAMEM-AA88348 Datasheet
52Kb / 1P
8-BIT DAC
logo
Analog Devices
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
LC2MOS Octal 8-Bit DAC
REV. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com