Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP0417AA1 Datasheet (PDF) - FIDELIX

CMP0417AA1 Datasheet PDF - FIDELIX
Part # CMP0417AA1
Download  CMP0417AA1 Download
File Size   215.11 Kbytes
Page   12 Pages
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX
Description 256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM

CMP0417AA1 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMP0417AA1 Datasheet PDF - FIDELIX

Part # CMP0417AA1
Download  CMP0417AA1 Click to download

File Size   215.11 Kbytes
Page   12 Pages
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX
Description 256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM

CMP0417AA1 Datasheet (HTML) - FIDELIX


CMP0417AA1 Product details

FEATURES
• Process Technology : Full CMOS
• Organization : 256K x 16
• Power Supply Voltage : 2.7~3.3V
• Low Power & Page Modes
    CMP0417AA1 : support the PASR function
    CMP0417AA2 : support the DPD function
    CMP0417AA4 : support the PASR/PAGE function
    CMP0417AA5 : support the DPD/PAGE function
• Three state output and TTL Compatible
• Package Type : 48-FBGA-6.00x8.00 mm2
• Separated I/O power(VCCQ) & Core Power(VCC)
• Page read/write operation up to 16 words (CMP0417AA4, CMP0417AA5)
• DPD mode when /ZZ goes low (CMP0417AA2, CMP0417AA5)




Similar Part No. - CMP0417AA1

ManufacturerPart #DatasheetDescription
logo
FIDELIX
CMP0417AA0-F70I FIDELIX-CMP0417AA0-F70I Datasheet
192Kb / 10P
256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA0-I FIDELIX-CMP0417AA0-I Datasheet
192Kb / 10P
256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA8-F70I FIDELIX-CMP0417AA8-F70I Datasheet
188Kb / 9P
256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA8-I FIDELIX-CMP0417AA8-I Datasheet
188Kb / 9P
256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
More results


Similar Description - CMP0417AA1

ManufacturerPart #DatasheetDescription
logo
FIDELIX
CMP0417AA0-I FIDELIX-CMP0417AA0-I Datasheet
192Kb / 10P
256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA8-I FIDELIX-CMP0417AA8-I Datasheet
188Kb / 9P
256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0817BA0-I FIDELIX-CMP0817BA0-I Datasheet
192Kb / 10P
512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0817BA8-I FIDELIX-CMP0817BA8-I Datasheet
188Kb / 9P
512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP1617BAX-E FIDELIX-CMP1617BAX-E Datasheet
220Kb / 12P
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CA0 FIDELIX-FMP1617CA0 Datasheet
207Kb / 10P
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CC0 FIDELIX-FMP1617CC0 Datasheet
207Kb / 10P
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FAMP0417CAX-W70E FIDELIX-FAMP0417CAX-W70E Datasheet
141Kb / 12P
256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1216ACX FIDELIX-FMP1216ACX Datasheet
206Kb / 12P
8M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617DAX FIDELIX-FMP1617DAX Datasheet
163Kb / 11P
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com