Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMP1617CCX Datasheet (PDF) - FIDELIX

FMP1617CCX Datasheet PDF - FIDELIX
Part # FMP1617CCX
Download  FMP1617CCX Download
File Size   220.6 Kbytes
Page   12 Pages
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX
Description 1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM

FMP1617CCX Datasheet (PDF)

Go To PDF Page Download Datasheet
FMP1617CCX Datasheet PDF - FIDELIX

Part # FMP1617CCX
Download  FMP1617CCX Click to download

File Size   220.6 Kbytes
Page   12 Pages
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX
Description 1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM

FMP1617CCX Datasheet (HTML) - FIDELIX


FMP1617CCX Product details

FEATURES
• Process Technology : Full CMOS
• Organization : 1M x 16
• Power Supply Voltage : 1.7~1.95V
• Low Power & Page Modes
    FMP1617CC1 : support the PASR/DPD function
    FMP1617CC2 : support the Direct DPD function
    FMP1617CC4 : support the PASR/DPD/PAGE function
    FMP1617CC5 : support the Direct DPD/PAGE function
• Operating Temperature Ranges:
    Special (-10’C to +60’C)
    Commercial (0’C to +70’C)
    Extended (-25’C to +85’C)
    Industrial (-40’C to +85’C)
• Three state output and TTL Compatible
• Package Type : 48-FBGA-6.00x8.00 mm2
    FMP1617CCx-FxxX : Normal
    FMP1617CCx-GxxX : Pb-Free
    FMP1617CCx-HxxX : Pb-Free & Halogen Free
• Separated I/O power(VCCQ) & Core Power(VCC)
• Page read/write operation by 16 words (FMP1617CC4, FMP1617CC5)
• DPD mode by using MRS only (FMP1617CC1, FMP1617CC4)
• Direct DPD mode when /ZZ goes low (FMP1617CC2, FMP1617CC5)




Similar Part No. - FMP1617CCX

ManufacturerPart #DatasheetDescription
logo
FIDELIX
FMP1617CC0 FIDELIX-FMP1617CC0 Datasheet
207Kb / 10P
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CC0-FXXX FIDELIX-FMP1617CC0-FXXX Datasheet
207Kb / 10P
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CC0-G60E FIDELIX-FMP1617CC0-G60E Datasheet
207Kb / 10P
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CC0-G70E FIDELIX-FMP1617CC0-G70E Datasheet
207Kb / 10P
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CC0-GXXX FIDELIX-FMP1617CC0-GXXX Datasheet
207Kb / 10P
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
More results


Similar Description - FMP1617CCX

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F1616U6M SAMSUNG-K6F1616U6M Datasheet
176Kb / 9P
1M x 16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
FIDELIX
CMP0817BA8-I FIDELIX-CMP0817BA8-I Datasheet
188Kb / 9P
512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP1617BAX-E FIDELIX-CMP1617BAX-E Datasheet
220Kb / 12P
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CA0 FIDELIX-FMP1617CA0 Datasheet
207Kb / 10P
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CAX FIDELIX-FMP1617CAX Datasheet
220Kb / 12P
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CC0 FIDELIX-FMP1617CC0 Datasheet
207Kb / 10P
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1216ACX FIDELIX-FMP1216ACX Datasheet
206Kb / 12P
8M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617DA0 FIDELIX-FMP1617DA0 Datasheet
147Kb / 9P
1M x 16bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617DAX FIDELIX-FMP1617DAX Datasheet
163Kb / 11P
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617DCX FIDELIX-FMP1617DCX Datasheet
160Kb / 11P
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com