Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C256C Datasheet (PDF) - ATMEL Corporation

AT24C256C Datasheet PDF - ATMEL Corporation
Part # AT24C256C
Download  AT24C256C Download
File Size   416.29 Kbytes
Page   23 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Two-wire Serial EEPROM 256K (32,768 x 8)

AT24C256C Datasheet (PDF)

Go To PDF Page Download Datasheet
AT24C256C Datasheet PDF - ATMEL Corporation

Part # AT24C256C
Download  AT24C256C Click to download

File Size   416.29 Kbytes
Page   23 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Two-wire Serial EEPROM 256K (32,768 x 8)

AT24C256C Datasheet (HTML) - ATMEL Corporation


AT24C256C Product details

Description
The AT24C256C provides 262,144 bits of serial electrically erasable and programmable read-only memory (EEPROM) organized as 32,768 words of 8 bits each. The device’s cascadable feature allows up to eight devices to share a common two-wire bus. The device is optimized for use in many industrial and commercial applications where low-power and low-voltage operation are essential. The devices are available in space-saving 8-lead JEDEC SOIC, 8-lead UDFN, 8-lead TSSOP, and 8-ball VFBGA packages. In addition, this device operates from 1.7V to 5.5V.

Features
• Low-voltage and Standard-voltage Operation
    ⎯ VCC = 1.7V to 5.5V
• Internally Organized as 32,768 x 8
• Two-wire Serial Interface
• Schmitt Trigger, Filtered Inputs for Noise Suppression
• Bidirectional Data Transfer Protocol
• 1 MHz (5.0V, 2.7V, 2.5V), and 400 kHz (1.7V) Compatibility
• Write Protect Pin for Hardware and Software Data Protection
• 64-byte Page Write Mode (Partial Page Writes Allowed)
• Self-timed Write Cycle (5 ms Max)
• High Reliability
    ⎯ Endurance: One Million Write Cycles
    ⎯ Data Retention: 40 Years
• Lead-free/Halogen-free Devices Available
• 8-lead JEDEC SOIC, 8-lead UDFN, 8-lead TSSOP, and 8-ball VFBGA Packages
• Die Sales: Wafer Form, Waffle Pack and Bumped Wafers




Similar Part No. - AT24C256C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C256C ATMEL-AT24C256C Datasheet
403Kb / 21P
Two-wire Serial EEPROM
AT24C256C ATMEL-AT24C256C Datasheet
207Kb / 22P
serial electrically erasable and programmable read-only memory
AT24C256C-CUL-T ATMEL-AT24C256C-CUL-T Datasheet
403Kb / 21P
Two-wire Serial EEPROM
AT24C256C-CUL-T ATMEL-AT24C256C-CUL-T Datasheet
207Kb / 22P
serial electrically erasable and programmable read-only memory
AT24C256C-MAHL-T ATMEL-AT24C256C-MAHL-T Datasheet
403Kb / 21P
Two-wire Serial EEPROM
More results


Similar Description - AT24C256C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C128SC ATMEL-AT24C128SC Datasheet
261Kb / 13P
Two-wire Serial EEPROM Smart Card Modules 128K (16,384 x 8) 256 (32,768 x 8)
AT24C256B ATMEL-AT24C256B Datasheet
563Kb / 18P
Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C164 ATMEL-AT24C164_06 Datasheet
441Kb / 17P
Two-Wire Serial EEPROM 16K (2048 x 8)
AT24C256B ATMEL-AT24C256B_07 Datasheet
712Kb / 21P
Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
Two-wire Serial EEPROM 1K (128 x 8)
AT24C1024B ATMEL-AT24C1024B_08 Datasheet
1Mb / 25P
Two-wire Serial EEPROM 1M (131,072 x 8)
AT24C256B ATMEL-AT24C256B_08 Datasheet
980Kb / 24P
Two-wire Serial EEPROM 256K (32,768 x 8)
logo
Renesas Technology Corp
R1EX24256BSAS0G RENESAS-R1EX24256BSAS0G Datasheet
509Kb / 18P
Two-wire serial interface 256k EEPROM
R1EX24256BSAS0A RENESAS-R1EX24256BSAS0A_15 Datasheet
417Kb / 18P
Two-wire serial interface 256k EEPROM (32-kword ??8-bit)
logo
AiT Semiconductor Inc.
A24C256 AITSEMI-A24C256 Datasheet
710Kb / 19P
MEMORY EEPROM 256k bits (32768 X 8) TWO-WIRE SERIAL
REV2.2
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com