Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC695FL Datasheet (PDF) - ATMEL Corporation

TSC695FL Datasheet PDF - ATMEL Corporation
Part # TSC695FL
Download  TSC695FL Download
File Size   3363.25 Kbytes
Page   42 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Low-Voltage Rad-Hard 32-bit SPARC Embedded Processor

TSC695FL Datasheet (PDF)

Go To PDF Page Download Datasheet
TSC695FL Datasheet PDF - ATMEL Corporation

Part # TSC695FL
Download  TSC695FL Click to download

File Size   3363.25 Kbytes
Page   42 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Low-Voltage Rad-Hard 32-bit SPARC Embedded Processor

TSC695FL Datasheet (HTML) - ATMEL Corporation


TSC695FL Product details

Description

The TSC695FL (ERC32 Single-Chip) is a highly integrated, high-performance 32-bit RISC embedded processor implementing the SPARC architecture V7specification. It has been developed with the support of the ESA (European Space Agency), and offers a full development environment for embedded space applications.



Features

• Integer Unit Based on SPARC V7 High-performance RISC Architecture

• Optimized Integrated 32/64-bit Floating-point Unit

• On-chip Peripherals

  – EDAC and Parity Generator and Checker

  – Memory Interface

    Chip Select Generator

    Waitstate Generation

    Memory Protection

  –DMA Arbiter

  –Timers

    General Purpose Timer (GPT)

    Real-time Clock Timer (RTCT)

    Watchdog Timer (WDT)

  – Interrupt Controller With 5 External Inputs

  – General Purpose Interface (GPI)

  – Dual UART

• Speed Optimized Code RAM Interface 8- or 40-bit boot-PROM (Flash) Interface

• IEEE 1149.1 Test Access Port (TAP) for Debugging and Test Purposes

• Fully Static Design

• Performance: 12 MIPs/3 MFlops (Double Precision) at SYSCLK = 15 MHz

• Core Consumption: 0.3W Typ. at 12 MIPs

• Operating Range: 3.15V to 3.45V -55°C to +125°C

• Tested up to a Total Dose of 300 Krds (si) according toMIL STD 883 Method 1019

• No Single Event Latch-up Below anLET Threshold of 80 MeV/mg/cm2

• Single Event Upsets Error Rate Better than:

  – 2 E-7 Error/Component/Day in GEO Orbit

  – 5 E-5 Error/Component/Day in LEO Orbit (53°, 1000 km)

• Quality Grades: ESCC, and QMLQ or V with 5962-03246

• Package: 256 MQFPF; Bare Die




Similar Part No. - TSC695FL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSC695FL ATMEL-TSC695FL_14 Datasheet
3Mb / 42P
Integer Unit Based on SPARC V7 High-performance RISC Architecture
More results


Similar Description - TSC695FL

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
376 INTEL-376 Datasheet
1Mb / 95P
376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
logo
ATMEL Corporation
TSC695F ATMEL-TSC695F Datasheet
2Mb / 42P
Rad-Hard 32-bit SPARC Embedded Processor
AT697E ATMEL-AT697E Datasheet
227Kb / 16P
Rad-Hard 32 bit SPARC V8 Processor
TSC695F ATMEL-TSC695F_04 Datasheet
2Mb / 42P
Rad-Hard 32-bit SPARC Embedded Processor
TSC21020F ATMEL-TSC21020F Datasheet
697Kb / 50P
Rad. Hard 32/40-bit IEEE Floating Point DSP
AT697E ATMEL-AT697E_06 Datasheet
77Kb / 7P
Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_09 Datasheet
3Mb / 154P
Rad-Hard 32 bit SPARC V8 Processor
AT697F ATMEL-AT697F Datasheet
4Mb / 155P
Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_14 Datasheet
264Kb / 7P
Rad-Hard 32-bit SPARC v8 Processor
AT697F ATMEL-AT697F_14 Datasheet
7Mb / 176P
SPARC V8 High Performance Low-power 32-bit Architecture
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com