Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS57C45 Datasheet (PDF) - STMicroelectronics

WS57C45 Datasheet PDF - STMicroelectronics
Part # WS57C45
Download  WS57C45 Download
File Size   16.34 Kbytes
Page   2 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MILITARY 2K x 8 REGISTERED CMOS PROM/RPROM

WS57C45 Datasheet (PDF)

Go To PDF Page Download Datasheet
WS57C45 Datasheet PDF - STMicroelectronics

Part # WS57C45
Download  WS57C45 Click to download

File Size   16.34 Kbytes
Page   2 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MILITARY 2K x 8 REGISTERED CMOS PROM/RPROM

WS57C45 Datasheet (HTML) - STMicroelectronics


WS57C45 Product details

GENERAL DESCRIPTION
The WS57C45 is an extremely High Performance 16K UV Erasable Registered CMOS RPROM. It is a direct drop-in replacement for such devices as the AM27S45 and CY7C245.
To meet the requirements of systems which execute and fetch instructions simultaneously, an 8-bit parallel data register has been provided at the output which allows RPROM data to be stored while other data is being addressed.
An asynchronous initialization feature has been provided which enables a user programmable 2049th word to be placed on the outputs independent of the system clock. This feature can be used to force an initialize word or provide a preset or clear function.
A further advantage of the WS57C45 over Bipolar PROM devices is the fact that it utilizes a proven EPROM technology. This enables the entire memory array to be tested for switching characteristics and functionality after assembly. Unlike devices which cannot be erased, every WS57C45 RPROM in a windowed package is 100% tested with worst case test patterns both before and after assembly.

• Ultra-Fast Access Time
   — 35 ns Setup
   — 15 ns Clock to Output
• Low Power Consumption
• Fast Programming
• Programmable Synchronous or Asynchronous Output Enable
• DESC SMD Nos. 5962-88735/5962-87529
• Pin Compatible with AM27S45 and CY7C245
• Immune to Latch-UP
   — Up to 200 mA
• ESD Protection Exceeds 2000 Volts
• Programmable Asynchronous Initialize Register




Similar Part No. - WS57C45

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS57C45 STMICROELECTRONICS-WS57C45 Datasheet
78Kb / 9P
HIGH-SPEED 2K x 8 REGISTERED CMOS PROM/RPROM
WS57C45-25 STMICROELECTRONICS-WS57C45-25 Datasheet
78Kb / 9P
HIGH-SPEED 2K x 8 REGISTERED CMOS PROM/RPROM
WS57C45-25T STMICROELECTRONICS-WS57C45-25T Datasheet
78Kb / 9P
HIGH-SPEED 2K x 8 REGISTERED CMOS PROM/RPROM
WS57C45-35 STMICROELECTRONICS-WS57C45-35 Datasheet
78Kb / 9P
HIGH-SPEED 2K x 8 REGISTERED CMOS PROM/RPROM
WS57C45-35KMB STMICROELECTRONICS-WS57C45-35KMB Datasheet
78Kb / 9P
HIGH-SPEED 2K x 8 REGISTERED CMOS PROM/RPROM
More results


Similar Description - WS57C45

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS57C191C-1 STMICROELECTRONICS-WS57C191C-1 Datasheet
17Kb / 2P
MILITARY HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C191C STMICROELECTRONICS-WS57C191C Datasheet
54Kb / 7P
HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C43C-1 STMICROELECTRONICS-WS57C43C-1 Datasheet
19Kb / 2P
MILITARY HIGH SPED 4K x 8 CMOS PROM/RPROM
WS57C45 STMICROELECTRONICS-WS57C45 Datasheet
78Kb / 9P
HIGH-SPEED 2K x 8 REGISTERED CMOS PROM/RPROM
WS57C49C-1 STMICROELECTRONICS-WS57C49C-1 Datasheet
19Kb / 2P
MILITARY HIGH SPEED 8K x 8 CMOS PROM/RPROM
WS57C51C-1 STMICROELECTRONICS-WS57C51C-1 Datasheet
19Kb / 2P
MILITARY HIGH SPEED 16K x 8 CMOS PROM/RPROM
WS57C71C-1 STMICROELECTRONICS-WS57C71C-1 Datasheet
19Kb / 2P
MILITARY HIGH SPEED 32K x 8 CMOS PROM/RPROM
WS57LV291C STMICROELECTRONICS-WS57LV291C Datasheet
47Kb / 6P
HIGH SPEED 3.3 VOLT 2K x 8 CMOS PROM/RPROM
logo
Cypress Semiconductor
CY7C245A CYPRESS-CY7C245A Datasheet
227Kb / 12P
2K x 8 Reprogrammable Registered PROM
CY7C245A CYPRESS-CY7C245A_06 Datasheet
396Kb / 13P
2K x 8 Reprogrammable Registered PROM
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com