Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIOF5S3E Datasheet (PDF) - Connor-Winfield Corporation

AIOF5S3E Datasheet PDF - Connor-Winfield Corporation
Part # AIOF5S3E
Download  AIOF5S3E Download
File Size   173.98 Kbytes
Page   2 Pages
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation
Description STRATUM 3E 5V HCMOS OCXO

AIOF5S3E Datasheet (PDF)

Go To PDF Page Download Datasheet
AIOF5S3E Datasheet PDF - Connor-Winfield Corporation

Part # AIOF5S3E
Download  AIOF5S3E Click to download

File Size   173.98 Kbytes
Page   2 Pages
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation
Description STRATUM 3E 5V HCMOS OCXO

AIOF5S3E Datasheet (HTML) - Connor-Winfield Corporation


AIOF5S3E Product details

STRATUM3E 5VHCMOS OCXO



DESCRIPTION

The Connor-Winfield AIOF5S3E is a 5V Oven Controlled Crystal Oscillator (OCXO) with HCMOS output. The AIOF5S3E is designed for Industrial T emperature Range 3E applications requiring low jitter and tight

frequency stability.



FEATURES

FIXED FREQUENCY

FREQUENCY STABILITY : ±10ppb

TEMPERATURE RANGE: -40 to 85°C

5.0V OPERATION

HCMOS OUTPUT




Similar Part No. - AIOF5S3E

ManufacturerPart #DatasheetDescription
logo
Contec Co., Ltd
AIO-120802LN-USB CONTEC-AIO-120802LN-USB Datasheet
694Kb / 5P
N Series for USB Multifunction DAQ Unit
AIO-121601E3-PE CONTEC-AIO-121601E3-PE Datasheet
368Kb / 5P
Analog I/O Board for PCI Express
AIO-121601UE3-PE CONTEC-AIO-121601UE3-PE Datasheet
704Kb / 5P
1MSPS 12-bit Analog I/O Board for PCI Express
AIO-121602LN-USB CONTEC-AIO-121602LN-USB Datasheet
644Kb / 5P
N Series for USB Multifunction DAQ Unit
AIO-160802AY-USB CONTEC-AIO-160802AY-USB Datasheet
188Kb / 4P
High-precision analog I/O terminal for USB2.0
More results


Similar Description - AIOF5S3E

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD332 GOLLEDGE-HCD332 Datasheet
61Kb / 1P
5V OCXO HCMOS OUTPUT STRATUM 3E
logo
Advanced XTAL Products
AXIOM40S AXTAL-AXIOM40S Datasheet
53Kb / 2P
OCXO with Stratum 3E stabilitiy
2005-07-15
logo
CTS Corporation
118 CTS-118 Datasheet
102Kb / 4P
1?쓝1??Stratum 3E OCXO
logo
Connor-Winfield Corpora...
ABOF5S3E CONNOR-WINFIELD-ABOF5S3E Datasheet
188Kb / 2P
STRATUM 3E HCMOS OCXO
ACOF5S3E CONNOR-WINFIELD-ACOF5S3E Datasheet
184Kb / 2P
STRATUM 3E HCMOS OCXO
ASOF5S3E CONNOR-WINFIELD-ASOF5S3E Datasheet
203Kb / 2P
SURFACE MOUNT STRATUM 3E HCMOS OCXO
BSOF3S3E CONNOR-WINFIELD-BSOF3S3E Datasheet
203Kb / 2P
SURFACE MOUNT 3.3V STRATUM 3E HCMOS OCXO
OFC5EF1AB CONNOR-WINFIELD-OFC5EF1AB Datasheet
133Kb / 2P
5.0V HCMOS STRATUM 3E OCXO
OFC5EF3AB CONNOR-WINFIELD-OFC5EF3AB Datasheet
133Kb / 2P
STRATUM 3E HCMOS OCXO
OFC5EF3ABG5 CONNOR-WINFIELD-OFC5EF3ABG5 Datasheet
181Kb / 2P
STRATUM 3E 5V HCMOS OCXO
More results




About Connor-Winfield Corporation


The Connor-Winfield Corporation is a global manufacturer of frequency control, timing, and synchronization products for the telecommunications, aerospace, military, and industrial markets. The company was founded in 1963 and is headquartered in Aurora, Illinois, USA.

Connor-Winfield's product line includes quartz crystals, clock oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and precision timing modules. These products are used in a wide range of applications, including wireless communications, networking, precision timing, military and aerospace systems, and industrial automation.

In addition to its standard product offerings, Connor-Winfield also offers custom-designed products to meet specific customer requirements. The company has a global customer base and sells its products through a network of sales representatives and distributors worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com