Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L753 Datasheet (PDF) - Connor-Winfield Corporation

L753 Datasheet PDF - Connor-Winfield Corporation
Part # L753
Download  L753 Download
File Size   158.11 Kbytes
Page   2 Pages
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation
Description HIGH FREQUENCY CLOCK OSCILLATOR 3.3V LVDS 5x7.0mm CERAMIC SURFACE MOUNT

L753 Datasheet (PDF)

Go To PDF Page Download Datasheet
L753 Datasheet PDF - Connor-Winfield Corporation

Part # L753
Download  L753 Click to download

File Size   158.11 Kbytes
Page   2 Pages
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation
Description HIGH FREQUENCY CLOCK OSCILLATOR 3.3V LVDS 5x7.0mm CERAMIC SURFACE MOUNT

L753 Datasheet (HTML) - Connor-Winfield Corporation




Similar Part No. - L753

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
L7500 INTEL-L7500 Datasheet
1Mb / 87P
Core2 Duo Processors and Core2 Extreme Processors for Platforms Based on Mobile 965 Express Chipset Family
logo
Hamamatsu Corporation
L7551-21 HAMAMATSU-L7551-21 Datasheet
112Kb / 2P
Receptacle type, 1.3 關m, 1.25, 2.5 Gbps
L7551-22 HAMAMATSU-L7551-22 Datasheet
112Kb / 2P
Receptacle type, 1.3 關m, 1.25, 2.5 Gbps
L7551-23 HAMAMATSU-L7551-23 Datasheet
112Kb / 2P
Receptacle type, 1.3 關m, 1.25, 2.5 Gbps
L7551-32 HAMAMATSU-L7551-32 Datasheet
112Kb / 2P
Receptacle type, 1.3 關m, 1.25, 2.5 Gbps
More results


Similar Description - L753

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
L703 CONNOR-WINFIELD-L703 Datasheet
196Kb / 2P
CERAMIC SURFACE MOUNT 3.3V LVDS 5x7.0mm HIGH FREQUENCY CLOCK OSCILLATOR
P701 CONNOR-WINFIELD-P701 Datasheet
157Kb / 2P
3.3V 5X7mm SURFACE MOUNT HIGH FREQUENCY LVPECL CLOCK OSCILLATOR
P702 CONNOR-WINFIELD-P702 Datasheet
196Kb / 2P
CERAMIC SURFACE MOUNT 3.3V LVPECL 5x7.0mm HIGH FREQUENCY CLOCK OSCILLATOR
P721 CONNOR-WINFIELD-P721 Datasheet
182Kb / 2P
5x7.0mm SURFACE MOUNT 3.3V LVPECL HIGH FREQUENCY OSCILLATOR
P752 CONNOR-WINFIELD-P752 Datasheet
196Kb / 2P
CERAMIC SURFACE MOUNT 3.3V LVPECL 5x7.0mm HIGH FREQUENCY CLOCK OSCILLATOR
X502 CONNOR-WINFIELD-X502 Datasheet
153Kb / 2P
3.3V SURFACE MOUNT 5.0 x 7.5mm LVDS CLOCK OSCILLATOR
X504 CONNOR-WINFIELD-X504 Datasheet
153Kb / 2P
3.3V SURFACE MOUNT 5.0 x 7.5mm LVDS CLOCK OSCILLATOR
X533 CONNOR-WINFIELD-X533 Datasheet
181Kb / 2P
3.3V SURFACE MOUNT 5.0 x 7.5mm LVDS CLOCK OSCILLATOR
logo
Raltron Electronics Cor...
CL2520 RALTRON-CL2520 Datasheet
326Kb / 3P
LVDS SURFACE MOUNT CLOCK OSCILLATOR
CL7050 RALTRON-CL7050 Datasheet
336Kb / 3P
LVDS SURFACE MOUNT CLOCK OSCILLATOR
More results




About Connor-Winfield Corporation


The Connor-Winfield Corporation is a global manufacturer of frequency control, timing, and synchronization products for the telecommunications, aerospace, military, and industrial markets. The company was founded in 1963 and is headquartered in Aurora, Illinois, USA.

Connor-Winfield's product line includes quartz crystals, clock oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and precision timing modules. These products are used in a wide range of applications, including wireless communications, networking, precision timing, military and aerospace systems, and industrial automation.

In addition to its standard product offerings, Connor-Winfield also offers custom-designed products to meet specific customer requirements. The company has a global customer base and sells its products through a network of sales representatives and distributors worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com