Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-3150 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-3150 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-3150
Download  HCPL-3150 Download
File Size   417.6 Kbytes
Page   22 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 0.5 Amp Output Current IGBT Gate Drive Optocoupler

HCPL-3150 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-3150 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-3150
Download  HCPL-3150 Click to download

File Size   417.6 Kbytes
Page   22 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 0.5 Amp Output Current IGBT Gate Drive Optocoupler

HCPL-3150 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-3150 Product details

Description
The HCPL-315X consists of an LED optically coupled to an integrated circuit with a power output stage. This optocoupler is ideally suited for driving power IGBTs and MOSFETs used in motor control inverter applications. The high operating voltage range of the output stage provides the drive voltages required by gate controlled devices. The voltage and current supplied by this optocoupler makes it ideally suited for directly driving IGBTs with ratings up to 1200 V/50 A. For IGBTs with higher ratings, the HCPL-3150/315J can be used to drive a discrete power stage which drives the IGBT gate.

Features
• 0.6A maximum peak output current
• 0.5 A minimum peak output current
• 15 kV/μs minimum Common Mode Rejection (CMR) at VCM = 1500 V
• 1.0V maximum low level output voltage (VOL) eliminates need for negative gate drive
• ICC = 5 mA maximum supply current
• Under Voltage Lock-Out protection (UVLO) with hysteresis
• Wide operating VCC range: 15 to 30 volts
• 0.5 μs maximum propagation delay
• +/– 0.35 μs maximum delay between devices/ channels
• Industrial temperature range: -40°C to 100°C
• HCPL-315J: channel one to channel two output isolation = 1500 Vrms/1 min.
• Safety and regulatory approval:
    UL recognized (UL1577),
        3750 Vrms/1 min (HCPL-3150)
        5000 Vrms/1 min (HCPL-315J)
    IEC/EN/DIN EN 60747-5-2 approved
        VIORM = 630 Vpeak (HCPL-3150 option 060 only)
        VIORM = 1230 Vpeak (HCPL-315J) CSA certified

Applications
• Isolated IGBT/MOSFET gate drive
• AC and brushless dc motor drives
• Industrial inverters
• Switch Mode Power Supplies (SMPS)
• Uninterruptable Power Supplies (UPS)




Similar Part No. - HCPL-3150

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-3150 HP-HCPL-3150 Datasheet
253Kb / 15P
0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3150 HP-HCPL-3150 Datasheet
488Kb / 21P
0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-3150 BOARDCOM-HCPL-3150 Datasheet
54Kb / 3P
Option 060 for Plastic Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150-000E AVAGO-HCPL-3150-000E Datasheet
211Kb / 21P
HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-3150-300E AVAGO-HCPL-3150-300E Datasheet
242Kb / 21P
HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
More results


Similar Description - HCPL-3150

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-3150 HP-HCPL-3150 Datasheet
253Kb / 15P
0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-315J HP-HCPL-315J Datasheet
488Kb / 21P
0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
0.6 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-5150 BOARDCOM-HCPL-5150 Datasheet
1Mb / 18P
0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com