Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN6651 Datasheet (PDF) - Wing Shing Computer Components

AN6651 Datasheet PDF - Wing Shing Computer Components
Part # AN6651
Download  AN6651 Download
File Size   97.07 Kbytes
Page   3 Pages
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components
Description LINEAR INTEGRATED CIRCUIT

AN6651 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN6651 Datasheet PDF - Wing Shing Computer Components

Part # AN6651
Download  AN6651 Click to download

File Size   97.07 Kbytes
Page   3 Pages
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components
Description LINEAR INTEGRATED CIRCUIT

AN6651 Datasheet (HTML) - Wing Shing Computer Components


AN6651 Product details

DESCRIPTION

The AN6651 is a monolithic integrated  circuit designed for the rotating control of a compact DC motor which is used for a tape recorder, recorder player etc.





FEATURES

*Wide operating supply voltage: Vcc=3.5V ~ 14.4V

*Small four-lead plastic packer for compact motor.

*Few external components

*Stable low reference voltage (1.0V, typical)

*Wide motor speed setting

*Reverse voltage protection circuit built-in




Similar Part No. - AN6651

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6651 PANASONIC-AN6651 Datasheet
97Kb / 3P
Motor Control Circuit
logo
Unisonic Technologies
AN6651 UTC-AN6651 Datasheet
174Kb / 5P
MOTOR SPEED CONTROL CIRCUIT
AN6651-T6B-K UTC-AN6651-T6B-K Datasheet
174Kb / 5P
MOTOR SPEED CONTROL CIRCUIT
AN6651-T6B-K UTC-AN6651-T6B-K Datasheet
174Kb / 5P
MOTOR SPEED CONTROL CIRCUIT
AN6651L-T6B-K UTC-AN6651L-T6B-K Datasheet
174Kb / 5P
MOTOR SPEED CONTROL CIRCUIT
More results


Similar Description - AN6651

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com