Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-261A Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-261A Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-261A
Download  HCPL-261A Download
File Size   422.21 Kbytes
Page   17 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description HCMOS Compatible, High CMR, 10 MBd Optocouplers

HCPL-261A Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-261A Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-261A
Download  HCPL-261A Click to download

File Size   422.21 Kbytes
Page   17 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description HCMOS Compatible, High CMR, 10 MBd Optocouplers

HCPL-261A Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-261A Product details

Description
The 6N137, HCPL-26xx/06xx/4661, HCNW137/26x1 are optically coupled gates that combine a GaAsP light emitting diode and an integrated high gain photo etector.
An enable input allows the detector to be strobed. The output of the detector IC is an open collector Schottky clamped transistor. The internal shield provides a guaranteed common mode transient immunity specification up to 15,000 V/µs at Vcm = 1000 V.
This unique design provides maximum AC and DC circuit isolation while achieving TTL compatibility. The optocoupler AC and DC operational param e ters are guaranteed from -40 °C to +85 °C allowing troublefree system performance.

Features
• 15 kV/µs minimum Common Mode Rejection (CMR)
   at Vcm= 1 kV for HCNW2611, HCPL-2611, HCPL-4661, HCPL-0611, HCPL-0661
• High speed: 10 MBd typical
• LSTTL/TTL compatible
• Low input current capability: 5 mA
• Guaranteed AC and DC performance over temperature: -40 °C to +85 °C
• Available in 8-Pin DIP, SOIC-8, widebody packages
• Strobable output (single channel products only)
• Safety approval
   UL recognized - 3750 Vrms for 1 minute and 5000 Vrms for 1 minute per
   UL1577 CSA approved




Similar Part No. - HCPL-261A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-261A HP-HCPL-261A Datasheet
256Kb / 20P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-261A HP-HCPL-261A Datasheet
246Kb / 15P
High CMR Line Receiver Optocouplers
HCPL-261A HP-HCPL-261A Datasheet
252Kb / 16P
HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-261A HP-HCPL-261A Datasheet
159Kb / 15P
遙쁂MR ?곲쳵?잞펷10MBd竊?鵝롥뀯?쎼깢?⒲깉?ャ깤?
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-261A AVAGO-HCPL-261A Datasheet
398Kb / 17P
HCMOS Compatible, High CMR, 10 MBd Optocouplers High speed: 10 MBd typical
More results


Similar Description - HCPL-261A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-2400 HP-HCPL-2400 Datasheet
285Kb / 14P
20 MBd High CMR Logic Gate Optocouplers
HCPL-261A HP-HCPL-261A Datasheet
252Kb / 16P
HCMOS Compatible, High CMR, 10 MBd Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-261A AVAGO-HCPL-261A_13 Datasheet
398Kb / 17P
HCMOS Compatible, High CMR, 10 MBd Optocouplers High speed: 10 MBd typical
HCPL-063A-000E AVAGO-HCPL-063A-000E Datasheet
398Kb / 17P
HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-063N-000E AVAGO-HCPL-063N-000E Datasheet
436Kb / 17P
HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-2430-300 AVAGO-HCPL-2430-300 Datasheet
377Kb / 15P
20 MBd High CMR Logic Gate Optocouplers
HCPL-2430-000E AVAGO-HCPL-2430-000E Datasheet
377Kb / 15P
20 MBd High CMR Logic Gate Optocouplers
HCPL-2400 AVAGO-HCPL-2400 Datasheet
377Kb / 15P
20 MBd High CMR Logic Gate Optocouplers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com