Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-7520 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-7520 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-7520
Download  HCPL-7520 Download
File Size   231.61 Kbytes
Page   16 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Isolated Linear Sensing IC

HCPL-7520 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-7520 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-7520
Download  HCPL-7520 Click to download

File Size   231.61 Kbytes
Page   16 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Isolated Linear Sensing IC

HCPL-7520 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-7520 Product details

Description
The HCPL-7520 isolated linear current sensing IC family is designed for current sensing in low-power electronic motor drives. In a typical implementation, motor current flows through an external resistor and the resulting analog voltage drop is sensed by the HCPL-7520. An output voltage is created on the other side of the HCPL- 7520 optical isolation barrier. This single-ended output voltage is proportional to the motor current. Since common-mode voltage swings of several hundred volts in tens of nanoseconds are common in modern switching inverter motor drives, the HCPL-7520 was designed to ignore very high common-mode transient slew rates (of at least 10 kV/µs).

Features
• 15 kV/µs common-mode rejection at Vcm = 1000 V
• Compact, auto-insertable 8-pin DIP package
• 60 ppm/°C gain drift vs. temperature
• –0.6 mV input offset voltage
• 8 µV/°C input offset voltage vs. temperature
• 100 kHz bandwidth
• 0.06% non-linearity, single-ended amplifer output for low power application.
• Worldwide safety approval: UL 1577 (3750 Vrms/1 min.), CSA and IEC/EN/DIN EN 60747-5-2 (Option 060 only)
• Advanced sigma-delta (Σ−∆) A/D converter technology

Applications
• Low-power inverter current sensing
• Motor phase and rail current sensing
• Switched mode power supply signal isolation
• General purpose low-power current sensing and monitoring
• General purpose analog signal isolation




Similar Part No. - HCPL-7520

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7520 HP-HCPL-7520 Datasheet
129Kb / 15P
Isolated Linear Sensing IC
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7520 AVAGO-HCPL-7520 Datasheet
248Kb / 16P
Isolated Linear Sensing IC
HCPL-7520 AVAGO-HCPL-7520 Datasheet
248Kb / 16P
Isolated Linear Sensing IC
HCPL-7520-000E AVAGO-HCPL-7520-000E Datasheet
248Kb / 16P
Isolated Linear Sensing IC
HCPL-7520-060E AVAGO-HCPL-7520-060E Datasheet
248Kb / 16P
Isolated Linear Sensing IC
More results


Similar Description - HCPL-7520

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL7520 HP-HCPL7520 Datasheet
129Kb / 15P
Isolated Linear Sensing IC
HCPL-7510 HP-HCPL-7510 Datasheet
117Kb / 16P
Isolated Linear Sensing IC
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7510 AVAGO-HCPL-7510 Datasheet
232Kb / 16P
Isolated Linear Sensing IC
HCPL-7510-360E AVAGO-HCPL-7510-360E Datasheet
586Kb / 17P
HCPL-7510 Isolated Linear Sensing IC
HCPL-7520-300 AVAGO-HCPL-7520-300 Datasheet
248Kb / 16P
Isolated Linear Sensing IC
HCPL-7520 AVAGO-HCPL-7520 Datasheet
248Kb / 16P
Isolated Linear Sensing IC
HCPL-7520-000E AVAGO-HCPL-7520-000E Datasheet
248Kb / 16P
Isolated Linear Sensing IC
logo
International Rectifier
IR2175STRPBF IRF-IR2175STRPBF Datasheet
109Kb / 7P
LINEAR CURRENT SENSING IC
logo
Infineon Technologies A...
IR2175 INFINEON-IR2175 Datasheet
109Kb / 7P
LINEAR CURRENT SENSING IC
Data Sheet No. PD60208 Rev. E
IR2171 INFINEON-IR2171 Datasheet
147Kb / 6P
LINEAR CURRENT SENSING IC
Data Sheet No. PD60192 revG
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com