Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC8050 Datasheet (PDF) - Suntac Electronic Corp.

STC8050 Datasheet PDF - Suntac Electronic Corp.
Part # STC8050
Download  STC8050 Download
File Size   98.09 Kbytes
Page   2 Pages
Manufacturer  SUNTAC [Suntac Electronic Corp.]
Direct Link  
Logo SUNTAC - Suntac Electronic Corp.
Description NPN Silicon Transistor

STC8050 Datasheet (PDF)

Go To PDF Page Download Datasheet
STC8050 Datasheet PDF - Suntac Electronic Corp.

Part # STC8050
Download  STC8050 Click to download

File Size   98.09 Kbytes
Page   2 Pages
Manufacturer  SUNTAC [Suntac Electronic Corp.]
Direct Link  
Logo SUNTAC - Suntac Electronic Corp.
Description NPN Silicon Transistor

STC8050 Datasheet (HTML) - Suntac Electronic Corp.


STC8050 Product details

NPN Epitaxial Silicon Transistor

2W Output Amplifier of Portable Radios in
Class B Push-pull Operation.

• Complimentary to STC8550
• Collector Current: IC=1.5A
• Collector Power Dissipation: PC=2W (TC=25°C)




Similar Part No. - STC8050

ManufacturerPart #DatasheetDescription
logo
AUK corp
STC8050N AUK-STC8050N Datasheet
244Kb / 4P
NPN Silicon Transistor
STC8050SF AUK-STC8050SF Datasheet
258Kb / 4P
NPN Silicon Transistor
More results


Similar Description - STC8050

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com