Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTB12 Datasheet (PDF) - Suntac Electronic Corp.

BTB12 Datasheet PDF - Suntac Electronic Corp.
Part # BTB12
Download  BTB12 Download
File Size   87.32 Kbytes
Page   4 Pages
Manufacturer  SUNTAC [Suntac Electronic Corp.]
Direct Link  
Logo SUNTAC - Suntac Electronic Corp.
Description 12A Triacs logic level

BTB12 Datasheet (PDF)

Go To PDF Page Download Datasheet
BTB12 Datasheet PDF - Suntac Electronic Corp.

Part # BTB12
Download  BTB12 Click to download

File Size   87.32 Kbytes
Page   4 Pages
Manufacturer  SUNTAC [Suntac Electronic Corp.]
Direct Link  
Logo SUNTAC - Suntac Electronic Corp.
Description 12A Triacs logic level

BTB12 Datasheet (HTML) - Suntac Electronic Corp.


BTB12 Product details

DESCRIPTION

Available either in through-hole or surface-mount packages, the BTA/BTB12 and T12 triac series is suitable for general purpose AC switching. They can be used as an ON/OFF function in applications such as static relays, heating regulation, induction motor starting circuits... or for phase control operation in light dimmers, motor speed controllers,... The snubberless versions (BTA/BTB...W and T12 series) are specially recommended for use on inductive loads, thanks to their high commutation performances. Logic level versions are designed to interface directly with low power drivers such as microcontrollers. By using an internal ceramic pad, the BTA series provides voltage insulated tab (rated at 2500V RMS) complying with UL standards (File ref.: E81734)




Similar Part No. - BTB12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB12 STMICROELECTRONICS-BTB12 Datasheet
116Kb / 7P
12A TRIACS
Sep-2002
BTB12 STMICROELECTRONICS-BTB12 Datasheet
138Kb / 12P
12 A Snubberless, logic level and standard triacs
28-Sep-2007
logo
JIEJIE MICROELECTRONICS...
BTB12 JIEJIE-BTB12 Datasheet
514Kb / 5P
12A TRIACs
logo
STMicroelectronics
BTB12 STMICROELECTRONICS-BTB12 Datasheet
140Kb / 12P
12 A Snubberless™ logic level and standard triacs
September 2007 Rev 9
BTB12 STMICROELECTRONICS-BTB12 Datasheet
140Kb / 12P
Medium current triac
September 2007 Rev 9
More results


Similar Description - BTB12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT131 PHILIPS-BT131 Datasheet
49Kb / 6P
Triacs logic level
April 1998 Rev 1.000
BT131W PHILIPS-BT131W Datasheet
53Kb / 7P
Triacs logic level
July 1998 Rev 1.000
logo
Unisonic Technologies
BT131 UTC-BT131 Datasheet
188Kb / 5P
TRIACS LOGIC LEVEL
UT131 UTC-UT131 Datasheet
189Kb / 5P
TRIACS LOGIC LEVEL
logo
Suntac Electronic Corp.
BT134 SUNTAC-BT134 Datasheet
130Kb / 4P
Triacs logic level
logo
Unisonic Technologies
UT131 UTC-UT131_12 Datasheet
297Kb / 5P
TRIACS LOGIC LEVEL
logo
Nell Semiconductor Co.,...
12T06A-BW NELLSEMI-12T06A-BW Datasheet
598Kb / 6P
TRIACs, 12A Snubberless, Logic Level and Standard
logo
NXP Semiconductors
BT134-600D127 NXP-BT134-600D127 Datasheet
107Kb / 8P
Triacs logic level
October 1997
BT137D PHILIPS-BT137D Datasheet
49Kb / 6P
Triacs logic level
September 1997 Rev 1.200
logo
Tiger Electronic Co.,Lt...
BT137S-600 TGS-BT137S-600 Datasheet
321Kb / 1P
Triacs logic level
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com