Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1468-2 Datasheet (PDF) - Linear Technology

LT1468-2 Datasheet PDF - Linear Technology
Part # LT1468-2
Download  LT1468-2 Download
File Size   187.21 Kbytes
Page   12 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp

LT1468-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1468-2 Datasheet PDF - Linear Technology

Part # LT1468-2
Download  LT1468-2 Click to download

File Size   187.21 Kbytes
Page   12 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp

LT1468-2 Datasheet (HTML) - Linear Technology




Similar Part No. - LT1468-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1468-2 LINER-LT1468-2 Datasheet
260Kb / 14P
200MHz, 30V/s 16-Bit Accurate
LT1468-2 LINER-LT1468-2_09 Datasheet
194Kb / 12P
16-Bit DAC Current-to-Voltage Converter
LT1468-2 LINER-LT1468-2_15 Datasheet
260Kb / 14P
200MHz, 30V/s 16-Bit Accurate
More results


Similar Description - LT1468-2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC436 NSC-CLC436 Datasheet
119Kb / 6P
200MHz, 짹15V, Low-Power Voltage Feedback Op Amp
logo
Micrel Semiconductor
MIC912 MICREL-MIC912 Datasheet
554Kb / 12P
200MHz Low-Power SOT-23-5 Op Amp
logo
Linear Technology
LT1468 LINER-LT1468_1 Datasheet
215Kb / 16P
90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
LT1469 LINER-LT1469_1 Datasheet
238Kb / 20P
Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
LT1469-2 LINER-LT1469-2 Datasheet
190Kb / 12P
Dual 200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp
logo
Micrel Semiconductor
MIC912 MICREL-MIC912_07 Datasheet
1Mb / 12P
200MHz Low-Power SOT23-5 Op Amp
logo
Linear Technology
LT1468-2 LINER-LT1468-2_15 Datasheet
260Kb / 14P
200MHz, 30V/s 16-Bit Accurate
LT1469-2 LINER-LT1469-2_15 Datasheet
201Kb / 12P
Dual 200MHz, 30V/s 16-Bit Accurate
LT1468 LINER-LT1468_15 Datasheet
228Kb / 16P
90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT6274 LINER-LT6274 Datasheet
1Mb / 20P
90MHz, 2200V/關s 30V Low Power Op Amps
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com