Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA6012 Datasheet (PDF) - HBH Microwave GmbH

HA6012 Datasheet PDF - HBH Microwave GmbH
Part # HA6012
Download  HA6012 Download
File Size   25.29 Kbytes
Page   1 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 2.0 - 18.0 GHz Broadband High Power Amplifier

HA6012 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA6012 Datasheet PDF - HBH Microwave GmbH

Part # HA6012
Download  HA6012 Click to download

File Size   25.29 Kbytes
Page   1 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 2.0 - 18.0 GHz Broadband High Power Amplifier

HA6012 Datasheet (HTML) - HBH Microwave GmbH




Similar Part No. - HA6012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA60125 ETC1-HA60125 Datasheet
84Kb / 3P
25-125Amp 600 Vac AC Output
logo
Crydom Inc.,
HA60125 CRYDOM-HA60125 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
HA60125 CRYDOM-HA60125 Datasheet
747Kb / 7P
panel mount
HA60125 CRYDOM-HA60125 Datasheet
938Kb / 7P
HA / HD60 Series
logo
Sensata Technologies, I...
HA60125 SENSATA-HA60125 Datasheet
2Mb / 6P
HA AND HD SERIES
Rev. 04/01/21
More results


Similar Description - HA6012

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM1100 MIMIX-CMM1100 Datasheet
444Kb / 6P
2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
logo
Tyco Electronics
MAAPGM0053-DIE MACOM-MAAPGM0053-DIE Datasheet
339Kb / 5P
Amplifier, Distributed Power, 0.5 W 2.0-18.0 GHz
logo
Mimix Broadband
CMM4000-BD MIMIX-CMM4000-BD_07 Datasheet
193Kb / 7P
2.0-18.0 GHz GaAs MMIC Buffer Amplifier
logo
HBH Microwave GmbH
HA3001 HBH-HA3001 Datasheet
33Kb / 4P
2.0 - 4.0 GHz Broadband Amplifier
HA6004 HBH-HA6004 Datasheet
20Kb / 1P
8.0 - 18.0 GHz Broadband Power Amplifier
HA6013 HBH-HA6013 Datasheet
25Kb / 1P
17.0 - 18.0 GHz High Power Amplifier
logo
Pasternack Enterprises,...
PE2215-6 PASTERNACK-PE2215-6 Datasheet
273Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER BROADBAND FREQUENCY:2.0-18.0 GHz
PE2215-16 PASTERNACK-PE2215-16 Datasheet
282Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER BROADBAND FREQUENCY RANGE:2.0-18.0 GHz
PE2215-20 PASTERNACK-PE2215-20 Datasheet
283Kb / 1P
SMA FEMALE DIRECTIONAL COUPLE BROADBAND FREQUENCY RANGE:2.0 -18.0 GHz
logo
Qorvo, Inc
QPB1000 QORVO-QPB1000 Datasheet
2Mb / 12P
2.0 ??18.0 GHz 75 Watt Amplifier
More results




About HBH Microwave GmbH


HBH Microwave GmbH is a leading manufacturer of high-quality microwave components and subsystems for the telecommunications, aerospace, defense, and scientific research industries. The company was founded in Germany in 1996 and has since established itself as a trusted provider of advanced microwave technologies.

HBH Microwave's product portfolio includes a wide range of microwave components, such as amplifiers, mixers, filters, couplers, and antennas. The company also offers customized solutions for specific applications, including subsystems and integrated microwave assemblies.

The company's engineering team has extensive experience in developing advanced microwave technologies for demanding applications. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

HBH Microwave has a strong focus on quality and reliability. The company's products are manufactured to the highest standards and undergo rigorous testing to ensure their performance and reliability. They are also designed to meet the demanding requirements of military and aerospace applications.

Overall, HBH Microwave is a trusted provider of high-quality microwave components and subsystems. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com