Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD2001 Datasheet (PDF) - HBH Microwave GmbH

HD2001 Datasheet PDF - HBH Microwave GmbH
Part # HD2001
Download  HD2001 Download
File Size   25.04 Kbytes
Page   1 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 800MHz - 2.5 GHz 4 Way Power Divider

HD2001 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD2001 Datasheet PDF - HBH Microwave GmbH

Part # HD2001
Download  HD2001 Click to download

File Size   25.04 Kbytes
Page   1 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 800MHz - 2.5 GHz 4 Way Power Divider

HD2001 Datasheet (HTML) - HBH Microwave GmbH


HD2001 Product details

General Description

The HD2001 is an 1:4 power divider.The divider covers the frequency range from 800MHz to 2.5GHz.



 




Similar Part No. - HD2001

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
HD200 EXTECH-HD200 Datasheet
396Kb / 10P
Differential Thermometer Datalogger
More results


Similar Description - HD2001

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBGF-T-4-450-890 AAC-JXWBGF-T-4-450-890 Datasheet
60Kb / 1P
4-Way Power Divider
logo
SYNERGY MICROWAVE CORPO...
M4D1626 SYNERGY-M4D1626 Datasheet
408Kb / 3P
4-WAY POWER DIVIDER
M4D3040 SYNERGY-M4D3040 Datasheet
397Kb / 3P
4-WAY POWER DIVIDER
M4D3236 SYNERGY-M4D3236 Datasheet
363Kb / 3P
4-WAY POWER DIVIDER
SPD-69-270 SYNERGY-SPD-69-270 Datasheet
363Kb / 3P
4-Way Power divider
logo
M/A-COM Technology Solu...
MAPD-007246-ES4700 MA-COM-MAPD-007246-ES4700_15 Datasheet
60Kb / 2P
4-Way Power Divider
logo
SYNERGY MICROWAVE CORPO...
SD-4-1 SYNERGY-SD-4-1 Datasheet
266Kb / 3P
4-WAY POWER DIVIDER
SPD-5-2000 SYNERGY-SPD-5-2000 Datasheet
395Kb / 3P
4-WAY POWER DIVIDER
M4D96120 SYNERGY-M4D96120 Datasheet
345Kb / 3P
4-WAY POWER DIVIDER
logo
Abracon Corporation
ABPDC-4-S-698-2700MHZ ABRACON-ABPDC-4-S-698-2700MHZ Datasheet
5Mb / 4P
4 Way Power Divider
12.04.15
More results




About HBH Microwave GmbH


HBH Microwave GmbH is a leading manufacturer of high-quality microwave components and subsystems for the telecommunications, aerospace, defense, and scientific research industries. The company was founded in Germany in 1996 and has since established itself as a trusted provider of advanced microwave technologies.

HBH Microwave's product portfolio includes a wide range of microwave components, such as amplifiers, mixers, filters, couplers, and antennas. The company also offers customized solutions for specific applications, including subsystems and integrated microwave assemblies.

The company's engineering team has extensive experience in developing advanced microwave technologies for demanding applications. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

HBH Microwave has a strong focus on quality and reliability. The company's products are manufactured to the highest standards and undergo rigorous testing to ensure their performance and reliability. They are also designed to meet the demanding requirements of military and aerospace applications.

Overall, HBH Microwave is a trusted provider of high-quality microwave components and subsystems. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com