Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F15353S Datasheet (PDF) - Feature Integration Technology Inc.

F15353S Datasheet PDF - Feature Integration Technology Inc.
Part # F15353S
Download  F15353S Download
File Size   1004.86 Kbytes
Page   38 Pages
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.
Description 2-wire Real-time Clock

F15353S Datasheet (PDF)

Go To PDF Page Download Datasheet
F15353S Datasheet PDF - Feature Integration Technology Inc.

Part # F15353S
Download  F15353S Click to download

File Size   1004.86 Kbytes
Page   38 Pages
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.
Description 2-wire Real-time Clock

F15353S Datasheet (HTML) - Feature Integration Technology Inc.


F15353S Product details

General Description
The F15353 which is a low current consumption 2- wire CMOS real-time clock operates under 1.3V to 3.6V. The current consumption is only 0.55uA and operation voltage is 1.1V as time keeping. In a system that operates on a backup battery, the free register incorporated in the real-time clock can be used for the user backup memory function. The user register can hold data on a supply voltage as low as 1.1 V (min.), so the data stored in the register before the main power supply was removed and can be recalled any time after the power is reconnected.

Feature
◆ Low Current Consumption: 0.55uA, Typical (VDD = 3.0V, Ta = 25°C)
◆ Operate Voltage Range: 1.3 to 3.6V
◆ Minimum Time Keeping Operation Voltage: 1.1V
◆ Built-in Clock Adjustment Function
◆ Built-in Free User Register
◆ Built-in Alarm Interrupt
◆ Built-in Flag Generator at Power down or Power on
◆ Built-in Constant Voltage Circuit
◆ Built-in 32KHz Crystal Oscillator Circuit (Cd Built-in, Cq External)
◆ Auto Calendar up to the Year 2099, Automatic Leap Year Calculation Function
◆ I2C Interface
◆ Powered by 3.3VCC and packaged in SOP-8 and TSSOP-8




Similar Part No. - F15353S

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
F1535 POLYFET-F1535 Datasheet
36Kb / 2P
PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR?
logo
List of Unclassifed Man...
F1535A ETC1-F1535A Datasheet
467Kb / 2P
5V FR-4 Based Surface Mount Voltage Controlled Crystal Oscillators
F1535AD ETC1-F1535AD Datasheet
467Kb / 2P
5V FR-4 Based Surface Mount Voltage Controlled Crystal Oscillators
F1535ADM ETC1-F1535ADM Datasheet
467Kb / 2P
5V FR-4 Based Surface Mount Voltage Controlled Crystal Oscillators
More results


Similar Description - F15353S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X1205 INTERSIL-X1205 Datasheet
331Kb / 22P
2-Wire RTC Real Time Clock/Calendar
September 23, 2005
logo
Seiko Instruments Inc
S-35199A01 SII-S-35199A01 Datasheet
594Kb / 54P
3-WIRE REAL-TIME CLOCK
S-35390A SII-S-35390A Datasheet
701Kb / 54P
2-WIRE REAL-TIME CLOCK
S-35392A SII-S-35392A Datasheet
618Kb / 47P
2-WIRE REAL-TIME CLOCK
S-35399A02 SII-S-35399A02 Datasheet
787Kb / 55P
2-WIRE REAL-TIME CLOCK
S-35399A03 SII-S-35399A03 Datasheet
571Kb / 51P
2-WIRE REAL-TIME CLOCK
S35391A SII-S35391A Datasheet
2Mb / 53P
2-WIRE REAL-TIME CLOCK
S35392A SII-S35392A Datasheet
2Mb / 48P
2-WIRE REAL-TIME CLOCK
S35399A03 SII-S35399A03 Datasheet
3Mb / 54P
2-WIRE REAL-TIME CLOCK
logo
Renesas Technology Corp
X1205 RENESAS-X1205 Datasheet
873Kb / 22P
2-Wire??RTC Real Time Clock/Calendar
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com