Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F71805F Datasheet (PDF) - Feature Integration Technology Inc.

F71805F Datasheet PDF - Feature Integration Technology Inc.
Part # F71805F
Download  F71805F Download
File Size   719.62 Kbytes
Page   94 Pages
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.
Description Super H/W Monitor LPC IO

F71805F Datasheet (PDF)

Go To PDF Page Download Datasheet
F71805F Datasheet PDF - Feature Integration Technology Inc.

Part # F71805F
Download  F71805F Click to download

File Size   719.62 Kbytes
Page   94 Pages
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.
Description Super H/W Monitor LPC IO

F71805F Datasheet (HTML) - Feature Integration Technology Inc.


F71805F Product details

General Description
The F71805 is the featured IO chip specifically for PC system. Equipped with one IEEE 1284 parallel port, two UART port and FDC, F71805 provides SIR and Flash ROM Interface. Integrated with hardware monitor, F71805 supports 9 sets of voltage sensor and 4 voltage fault signal outputs, 3 sets of creative auto-controlling fans and 3 temperature sensor pins for the accurate current type temp. measurement for CPU thermal diode or external transistors 2N3906.

Features
   General Functions
   ● Comply with LPC Spec. 1.0
   ● Supports 24 GPIO pins. One set of GPIO supports High/Low Level/Pulse selection.
   ● 48 MHz clock input
  
   FDC
   ● Compatible with IBM PC AT disk drive systems
   ● Variable write pre-compensation with track selectable capability
   ● Support vertical recording format
   ● DMA enable logic
   ● 16-byte data FIFOs
   ● Support floppy disk drives and tape drives
   ● Detects all overrun and under run conditions
   ● Built-in address mark detection circuit to simplify the read electronics
   ● Completely compatible with industry standard 82077
   ● 360K/720K/1.2M/1.44M/2.88M format; 250K, 300K, 500K, 1M, 2M bps data transfer rate
   ● Support 3-mode FDD, and its Win95/98/2K/XP driver
  
   UART
   ● Two high-speed 16C550 compatible UART with 16-byte FIFOs
   ● Fully programmable serial-interface characteristics
   ● Baud rate up to 115.2K




Similar Part No. - F71805F

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F71806 FINTEK-F71806 Datasheet
2Mb / 109P
Super H/W Monitor LPC IO
F71806F FINTEK-F71806F Datasheet
2Mb / 109P
Super H/W Monitor LPC IO
F71806FG FINTEK-F71806FG Datasheet
2Mb / 109P
Super H/W Monitor LPC IO
F71808A FINTEK-F71808A Datasheet
1Mb / 126P
Smart LPC IO With CIR & Power Saving Function
F71808AU FINTEK-F71808AU Datasheet
1Mb / 126P
Smart LPC IO With CIR & Power Saving Function
More results


Similar Description - F71805F

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F71806 FINTEK-F71806 Datasheet
2Mb / 109P
Super H/W Monitor LPC IO
F71862 FINTEK-F71862 Datasheet
837Kb / 110P
Super Hardware Monitor LPC I/O
F71863 FINTEK-F71863 Datasheet
907Kb / 112P
Super Hardware Monitor LPC I/O
F71882 FINTEK-F71882 Datasheet
2Mb / 130P
Super Hardware Monitor LPC I/O
F71883 FINTEK-F71883 Datasheet
2Mb / 133P
Super Hardware Monitor LPC I/O
F71889 FINTEK-F71889 Datasheet
2Mb / 114P
Super Hardware Monitor LPC I/O
F71872 FINTEK-F71872 Datasheet
2Mb / 115P
Super H/W Monitor LPC IO
F71889A FINTEK-F71889A Datasheet
1Mb / 132P
Super Hardware Monitor LPC I/O
F71889E FINTEK-F71889E Datasheet
3Mb / 114P
Super Hardware Monitor LPC I/O
logo
Nuvoton Technology Corp...
NCT7904D NUVOTON-NCT7904D Datasheet
1Mb / 140P
H/W Monitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com