Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT580A Datasheet (PDF) - Seoul Semiconductor

LT580A Datasheet PDF - Seoul Semiconductor
Part # LT580A
Download  LT580A Download
File Size   413.86 Kbytes
Page   12 Pages
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor
Description Lamp LEDs

LT580A Datasheet (PDF)

Go To PDF Page Download Datasheet
LT580A Datasheet PDF - Seoul Semiconductor

Part # LT580A
Download  LT580A Click to download

File Size   413.86 Kbytes
Page   12 Pages
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor
Description Lamp LEDs

LT580A Datasheet (HTML) - Seoul Semiconductor


LT580A Product details

Description
Lamp LEDs are effective in hot thermal and humid condition. This high brightness and weather-resistant packaging design makes these Lamp LEDs ideal for Outdoor applications such as traffic signals, variable message signs and backlighting for transparent sign panels.

Features
• High luminous emission
• Non-standoff leads
• 5mm type package
• Transparent epoxy lens
• Viewing angle : 80 º
• Dominant Wavelength : 525nm

Applications
• Electronic signs and signals
• Specialty lighting
• Small area illumination
• Backlighting
• Other outdoor displays




Similar Part No. - LT580A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT580 LINER-LT580 Datasheet
200Kb / 4P
Precision References
LT580 LINER-LT580 Datasheet
332Kb / 4P
PRECISION REFERENCES
LT580JH LINER-LT580JH Datasheet
200Kb / 4P
Precision References
LT580KH LINER-LT580KH Datasheet
200Kb / 4P
Precision References
LT580LH LINER-LT580LH Datasheet
200Kb / 4P
Precision References
More results


Similar Description - LT580A

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LB580A SEOUL-LB580A Datasheet
398Kb / 12P
Lamp LEDs
LR580A SEOUL-LR580A Datasheet
268Kb / 12P
Lamp LEDs
LT700D SEOUL-LT700D Datasheet
412Kb / 12P
Lamp LEDs
LW330A SEOUL-LW330A_1 Datasheet
393Kb / 14P
Lamp LEDs
LW360A SEOUL-LW360A Datasheet
625Kb / 18P
Lamp LEDs
LW500AM SEOUL-LW500AM Datasheet
593Kb / 17P
Lamp LEDs
LW514 SEOUL-LW514 Datasheet
550Kb / 16P
Lamp LEDs
LY521 SEOUL-LY521 Datasheet
473Kb / 12P
Lamp LEDs
LY580A SEOUL-LY580A Datasheet
394Kb / 12P
Lamp LEDs
logo
List of Unclassifed Man...
PAR20X-007-3000 ETC2-PAR20X-007-3000 Datasheet
311Kb / 5P
7W PAR20 3 LEDs High Power LED Lamp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com