Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7115 Datasheet (PDF) - Connor-Winfield Corporation

7115 Datasheet PDF - Connor-Winfield Corporation
Part # 7115
Download  7115 Download
File Size   82.35 Kbytes
Page   2 Pages
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation
Description 5.0V HCMOS Surface Mount Crystal Clock Oscillator

7115 Datasheet (PDF)

Go To PDF Page Download Datasheet
7115 Datasheet PDF - Connor-Winfield Corporation

Part # 7115
Download  7115 Click to download

File Size   82.35 Kbytes
Page   2 Pages
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation
Description 5.0V HCMOS Surface Mount Crystal Clock Oscillator

7115 Datasheet (HTML) - Connor-Winfield Corporation


7115 Product details

The Connor-Winfield models 7115,7125, and 7135 are a 5 x 3.2mm, 5.0V HCMOS, Surface Mount, Fixed Frequency Crystal Oscillators (XO) designed for use in all applictions requiring precision clocks. The RoHS compliant, surface mount package is designed for high-density mounting and is optimum for mass production.



Features:

1.8 to 50 MHz

5.0V Operation

RoHS Compliant

Tri-State Enable / Disable Function

Overall Frequency Tolerance:

   7115 ± 25 ppm

   7125 ± 50 ppm

   7135 ± 100 ppm

Temperature Range: 0 to 70°C

Ceramic Surface Mount Package

Tape and Reel Packaging




Similar Part No. - 7115

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7115 ETC1-7115 Datasheet
36Kb / 1P
Common Mode EMI Inductors
logo
Pomona Electronics
7115 POMONA-7115 Datasheet
90Kb / 1P
XLR D Square Flanged Panel Receptacle
logo
Time Electronics Ltd.
7115 TIME-ELECTRONICS-7115 Datasheet
2Mb / 2P
8100 Instrumentation Test Stand
02/21
7115 TIME-ELECTRONICS-7115 Datasheet
378Kb / 1P
7115 Contamination Trap
04/20
logo
Bourns Electronic Solut...
7115-RC BOURNS-7115-RC Datasheet
89Kb / 1P
Common Mode EMI Chokes
More results


Similar Description - 7115

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASA ABRACON-ASA Datasheet
302Kb / 1P
HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR
logo
Connor-Winfield Corpora...
6115 CONNOR-WINFIELD-6115 Datasheet
84Kb / 2P
5.0V HCMOS Surface Mount Crystal Clock Oscillator
6215 CONNOR-WINFIELD-6215 Datasheet
84Kb / 2P
5.0V HCMOS Surface Mount Crystal Clock Oscillator
7215 CONNOR-WINFIELD-7215 Datasheet
82Kb / 2P
5.0V HCMOS Surface Mount Crystal Clock Oscillator
HSM6 CONNOR-WINFIELD-HSM6 Datasheet
82Kb / 2P
5.0V Surface Mount Crystal Clock Oscillator
HSM9 CONNOR-WINFIELD-HSM9 Datasheet
81Kb / 2P
5.0V Surface Mount Crystal Clock Oscillator
HSM546 CONNOR-WINFIELD-HSM546 Datasheet
230Kb / 2P
5.0V SURFACE MOUNT 11x6.35mm HCMOS CLOCK OSCILLATOR
HSM626 CONNOR-WINFIELD-HSM626 Datasheet
228Kb / 2P
5.0V SURFACE MOUNT 11x6.35mm HCMOS CLOCK OSCILLATOR
logo
Abracon Corporation
ASA1 ABRACON-ASA1 Datasheet
1Mb / 2P
HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR
03.12.12
logo
Connor-Winfield Corpora...
HSM93-032M CONNOR-WINFIELD-HSM93-032M Datasheet
87Kb / 2P
5.0V Surface Mount Crystal Clock Oscillator HSM9
More results




About Connor-Winfield Corporation


The Connor-Winfield Corporation is a global manufacturer of frequency control, timing, and synchronization products for the telecommunications, aerospace, military, and industrial markets. The company was founded in 1963 and is headquartered in Aurora, Illinois, USA.

Connor-Winfield's product line includes quartz crystals, clock oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and precision timing modules. These products are used in a wide range of applications, including wireless communications, networking, precision timing, military and aerospace systems, and industrial automation.

In addition to its standard product offerings, Connor-Winfield also offers custom-designed products to meet specific customer requirements. The company has a global customer base and sells its products through a network of sales representatives and distributors worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com