Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV101 Datasheet (PDF) - Supertex, Inc

HV101 Datasheet PDF - Supertex, Inc
Part # HV101
Download  HV101 Download
File Size   83.12 Kbytes
Page   5 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 3-Pin Hotswap, Inrush Current Limiter Controllers

HV101 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV101 Datasheet PDF - Supertex, Inc

Part # HV101
Download  HV101 Click to download

File Size   83.12 Kbytes
Page   5 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 3-Pin Hotswap, Inrush Current Limiter Controllers

HV101 Datasheet (HTML) - Supertex, Inc


HV101 Product details

General Description
The HV100/HV101 are 3-pin hotswap controllers available in SOT-223 and MLP packages, which require no external components other than a pass element. The HV100/HV101 contain many of the features found in hotswap controllers with 8 pins or more, and which generally require many external components. These features include undervoltage (UV) detection circuits, power on reset (POR) supervisory circuits, inrush current limiting, short circuit protection, and auto-retry. In addition, the HV100/HV101 use a patent pending mechanism to sample and adapt to any pass element, resulting in consistent hotswap profiles without any programming.

Features
❑ 33% Smaller than SOT-232
❑ Pass Element is Only External Part
❑ No Sense Resistor required
❑ Auto-Adapt* to Pass Element
❑ Short Circuit Protection*
❑ UV & POR Supervisory Circuits
❑ 2.5s Auto Retry
❑ ±10V to ±72V Input Voltage Range
❑ 0.6mA Typical Operating Supply Current
❑ Built in Clamp for AC Path Turn On Glitch

Applications
❑ -48V Central Office Switching (line cards)
❑ +48V Server Networks
❑ +48V Storage Area Networks
❑ +48V Peripherals, Routers, Switches
❑ +24V Cellular and Fixed Wireless (bay stations, line cards)
❑ +24V Industrial Systems
❑ +24V UPS Systems
❑ -48V PBX & ADSL Systems (line cards)
❑ Distributed Power Systems
❑ Powered Ethernet for VoIP




Similar Part No. - HV101

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV101 SUTEX-HV101 Datasheet
591Kb / 8P
3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
logo
Amphenol Wilcoxon Sensi...
HV101 WILCOXON-HV101 Datasheet
343Kb / 3P
High EMI resistance accelerometers
Rev.B2 12/21
logo
Supertex, Inc
HV101DB1 SUTEX-HV101DB1 Datasheet
443Kb / 2P
3-Pin Hotswap Controller
logo
AZ Displays
HV101HD1-1E1 AZDISPLAYS-HV101HD1-1E1 Datasheet
1Mb / 29P
color active matrix TFT LCD module
logo
Supertex, Inc
HV101K5 SUTEX-HV101K5 Datasheet
591Kb / 8P
3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
More results


Similar Description - HV101

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV300 SUTEX-HV300 Datasheet
78Kb / 6P
Hotswap, Inrush Current Limiter Controllers
HV111 SUTEX-HV111 Datasheet
551Kb / 9P
Inrush Limiter/Circuit Breaker/Hotswap Controller IC
logo
List of Unclassifed Man...
MHIC-48100A ETC1-MHIC-48100A Datasheet
197Kb / 1P
Inrush Current Limiter HIC
logo
STMicroelectronics
STIL STMICROELECTRONICS-STIL Datasheet
155Kb / 11P
AC INRUSH CURRENT LIMITER
06-Dec-2005
logo
Supertex, Inc
HV100 SUTEX-HV100_07 Datasheet
591Kb / 8P
3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
logo
Freescale Semiconductor...
CL-21 FREESCALE-CL-21 Datasheet
112Kb / 4P
NTC Inrush Current Limiter
logo
Supertex, Inc
HV310 SUTEX-HV310_09 Datasheet
674Kb / 7P
Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV300 SUTEX-HV300_09 Datasheet
705Kb / 7P
Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV101 SUTEX-HV101_13 Datasheet
832Kb / 8P
3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV100 SUTEX-HV100_13 Datasheet
838Kb / 8P
3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com