Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1616 Datasheet (PDF) - Linear Technology

LT1616 Datasheet PDF - Linear Technology
Part # LT1616
Download  LT1616 Download
File Size   281.42 Kbytes
Page   16 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 600mA, 1.4MHz Step-Down Switching Regulator in SOT-23

LT1616 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1616 Datasheet PDF - Linear Technology

Part # LT1616
Download  LT1616 Click to download

File Size   281.42 Kbytes
Page   16 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 600mA, 1.4MHz Step-Down Switching Regulator in SOT-23

LT1616 Datasheet (HTML) - Linear Technology




Similar Part No. - LT1616

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1616 LINER-LT1616 Datasheet
229Kb / 16P
1.5MHz, 600mA Synchronous Step-Down egulator in ThinSOT
LT1616 LINER-LT1616 Datasheet
286Kb / 16P
600mA, 1.4MHz Step-Down Switching Regulator in SOT-23
LT1616 LINER-LT1616 Datasheet
287Kb / 28P
Step-Down Switching Regulator
LT1616 LINER-LT1616_15 Datasheet
286Kb / 16P
600mA, 1.4MHz Step-Down Switching Regulator in SOT-23
More results


Similar Description - LT1616

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1611 LINER-LT1611 Datasheet
263Kb / 12P
Inverting 1.4MHz Switching Regulator in SOT-23
LT1933 LINER-LT1933 Datasheet
629Kb / 16P
600mA, 500kHz Step-Down Switching Regulator in SOT-23
logo
National Semiconductor ...
LM3674 NSC-LM3674 Datasheet
1Mb / 15P
2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Linear Technology
LT1933 LINER-LT1933_1 Datasheet
365Kb / 20P
600mA, 500kHz Step-Down Switching Regulator in SOT-23 and DFN Packages
LT1611 LINER-LT1611_15 Datasheet
270Kb / 12P
Inverting 1.4MHz Switching Regulator in SOT-23
LT1616 LINER-LT1616_15 Datasheet
286Kb / 16P
600mA, 1.4MHz Step-Down Switching Regulator in SOT-23
LT1933 LINER-LT1933_15 Datasheet
368Kb / 20P
600mA, 500kHz Step-Down Switching Regulator in SOT-23 and DFN Packages
logo
New Japan Radio
NJW1616 NJRC-NJW1616 Datasheet
407Kb / 21P
600mA, 500kHz, Step-Down Switching Regulator in SOT-23
NJW1933 NJRC-NJW1933 Datasheet
412Kb / 21P
600mA, 500kHz, Step-Down Switching Regulator in SOT-23
logo
Will Semiconductor Ltd.
WD1012EA-5-TR WILLSEMI-WD1012EA-5-TR Datasheet
229Kb / 9P
1.5MHz, 600mA Synchronous Step-Down Regulator in SOT
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com