Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD897A Datasheet (PDF) - Mospec Semiconductor

2SD897A Datasheet PDF - Mospec Semiconductor
Part # 2SD897A
Download  2SD897A Download
File Size   123.85 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(1.5A,1500V,50W)

2SD897A Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD897A Datasheet PDF - Mospec Semiconductor

Part # 2SD897A
Download  2SD897A Click to download

File Size   123.85 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(1.5A,1500V,50W)

2SD897A Datasheet (HTML) - Mospec Semiconductor


2SD897A Product details

Horizontal Deflection Power Transistor for use in color TV deflection circuits.



Features



1. High Voltage : Vces  = 1500V

2. Low Saturation Voltage : Vce(sat) = 5.0V (Max) @ Ic =1.0A






Similar Part No. - 2SD897A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD897 ISC-2SD897 Datasheet
216Kb / 2P
isc Silicon NPN Power Transistor
More results


Similar Description - 2SD897A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SC1325A MOSPEC-2SC1325A Datasheet
112Kb / 3P
POWER TRANSISTORS(6.0A,1500V,80W)
2SC1875 MOSPEC-2SC1875 Datasheet
111Kb / 3P
POWER TRANSISTORS(4.5A,1500V,50W)
2SC2502 MOSPEC-2SC2502 Datasheet
135Kb / 3P
POWER TRANSISTORS(6.0A,400V,50W)
2SD1426 MOSPEC-2SD1426 Datasheet
125Kb / 3P
POWER TRANSISTORS(3.5A,1500V,80W)
2SD868 MOSPEC-2SD868 Datasheet
122Kb / 3P
POWER TRANSISTORS(2.5A,1500V,50W)
2SD870 MOSPEC-2SD870 Datasheet
124Kb / 3P
POWER TRANSISTORS(5A,1500V,50W)
2SD871 MOSPEC-2SD871 Datasheet
118Kb / 3P
POWER TRANSISTORS(6A,1500V,50W)
BU204 MOSPEC-BU204 Datasheet
116Kb / 3P
POWER TRANSISTORS(2.5A,1300-1500V,36W)
BU207 MOSPEC-BU207 Datasheet
117Kb / 3P
POWER TRANSISTORS(5.0A,1300-1500V,55W)
BU508 MOSPEC-BU508 Datasheet
162Kb / 4P
POWER TRANSISTORS(5A,1500V,125W)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com