Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV3418 Datasheet (PDF) - Supertex, Inc

HV3418 Datasheet PDF - Supertex, Inc
Part # HV3418
Download  HV3418 Download
File Size   443.0 Kbytes
Page   5 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 64-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs

HV3418 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV3418 Datasheet PDF - Supertex, Inc

Part # HV3418
Download  HV3418 Click to download

File Size   443.0 Kbytes
Page   5 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 64-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs

HV3418 Datasheet (HTML) - Supertex, Inc


HV3418 Product details

General Description
The HV34 is a low voltage serial to high voltage parallel converter with push-pull outputs. This device has been designed for use as a printer driver for inkjet applications. It can also be used in any application requiring multiple output high voltage, low current sourcing and sinking capabilities.

Features
❏ HVCMOS® technology
❏ Output voltages up to 180V
❏ Low power level shifting
❏ Shift register speed: 6MHz @ VDD = 5V 12MHz @ VDD = 12V
❏ Latched data outputs
❏ Output polarity and blanking
❏ CMOS compatible inputs
❏ Forward and reverse shifting options




Similar Part No. - HV3418

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV3418 SUTEX-HV3418 Datasheet
598Kb / 7P
64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV3418PG-G SUTEX-HV3418PG-G Datasheet
598Kb / 7P
64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV3418PG-G SUTEX-HV3418PG-G Datasheet
620Kb / 7P
64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV3418 SUTEX-HV3418_13 Datasheet
620Kb / 7P
64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
More results


Similar Description - HV3418

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV507 SUTEX-HV507 Datasheet
453Kb / 5P
300V, 64-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs
HV57908 SUTEX-HV57908 Datasheet
459Kb / 5P
8 MHz, 64-Channel Serial To Parallel Converter With Push-Pull Outputs
HV3527 SUTEX-HV3527 Datasheet
415Kb / 5P
275V, 64-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs
HV57708 SUTEX-HV57708_07 Datasheet
674Kb / 7P
32MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57908 SUTEX-HV57908_07 Datasheet
656Kb / 7P
8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
logo
Linear Dimensions Semic...
LND-SP64HV LINEAR_DIMENSIONS-LND-SP64HV Datasheet
325Kb / 3P
32MHZ, 64 CHANNEL SERIAL TO PARALLEL CONVERTER WITH PUSH-PULL OUTPUTS
logo
Supertex, Inc
HV3418PG-G SUTEX-HV3418PG-G Datasheet
598Kb / 7P
64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV57908 SUTEX-HV57908_13 Datasheet
673Kb / 7P
8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57708 SUTEX-HV57708_13 Datasheet
750Kb / 7P
32MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV3418 SUTEX-HV3418_13 Datasheet
620Kb / 7P
64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com