Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV440 Datasheet (PDF) - Supertex, Inc

HV440 Datasheet PDF - Supertex, Inc
Part # HV440
Download  HV440 Download
File Size   83.81 Kbytes
Page   4 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High-Voltage Ring Generator

HV440 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV440 Datasheet PDF - Supertex, Inc

Part # HV440
Download  HV440 Click to download

File Size   83.81 Kbytes
Page   4 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High-Voltage Ring Generator

HV440 Datasheet (HTML) - Supertex, Inc


HV440 Product details

General Description
The Supertex HV440 is a monolithic integrated circuit capable of generating up to 70V RMS sine wave output at frequencies of 15 to 60Hz with a load of 5 North American RENs. Its out putrating can be enhanced to 20 North American RENs with the addition of two Supertex MOSFETs: one N-Channel MOSFET, the TN2524N8, and one P-Channel MOSFET, the TP2522N8.

Features
► 220V maximum operating voltage
► Integrated high voltage transistors
► Up to 70VRMS ring signal
► Pulse by pulse output over current protection
► 5 REN output capability
► External MOSFETs enhance output rating to 20 REN

Applications
► Microcontroller or microprocessor controlled high voltage ring generator
► Set-top/street box ring generator
► Pair gain ring generator
► Wireless local loops
► Fibre in the loop/to the curb
► Coax cable loop




Similar Part No. - HV440

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV440 SUTEX-HV440 Datasheet
621Kb / 5P
High-Voltage Ring Generator
HV440WG SUTEX-HV440WG Datasheet
621Kb / 5P
High-Voltage Ring Generator
HV440WG-G SUTEX-HV440WG-G Datasheet
464Kb / 6P
High Voltage Ring Generator IC
HV440 SUTEX-HV440_07 Datasheet
621Kb / 5P
High-Voltage Ring Generator
HV440 SUTEX-HV440_14 Datasheet
464Kb / 6P
High Voltage Ring Generator IC
More results


Similar Description - HV440

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV430 SUTEX-HV430 Datasheet
119Kb / 8P
High Voltage Ring Generator
HV441 SUTEX-HV441 Datasheet
140Kb / 7P
High-Voltage Ring Generator
HV450 SUTEX-HV450 Datasheet
84Kb / 4P
High-Voltage Ring Generator
logo
Texas Instruments
UCC2752 TI-UCC2752 Datasheet
72Kb / 6P
Resonant Ring Generator Controller
logo
Supertex, Inc
HV421 SUTEX-HV421 Datasheet
56Kb / 5P
High Voltage 1 REN Ring Generator
HV440 SUTEX-HV440_07 Datasheet
621Kb / 5P
High-Voltage Ring Generator
HV441 SUTEX-HV441_03 Datasheet
360Kb / 8P
High-Voltage Ring Generator
logo
Linear Technology
LT1684 LINER-LT1684_15 Datasheet
236Kb / 16P
Micropower Ring Tone Generator
logo
Supertex, Inc
HV440 SUTEX-HV440_14 Datasheet
464Kb / 6P
High Voltage Ring Generator IC
HV430 SUTEX-HV430_14 Datasheet
546Kb / 9P
High-Voltage Ring Generator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com